Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M60028LFCK-R

  • AI
    The **M60028LFCK-R** is a specialized electronic component, typically categorized as a high-performance **Timing Module** or a **Crystal Oscillator (TCXO/VCXO)**, often used in telecommunications and synchronization applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The "M60028" series is often associated with high-stability frequency control. While specific data sheets can vary by manufacturer (often **Microsemi** or **Microchip**), the typical parameters are as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Nominal Frequency** | Often 10.000 MHz or 20.000 MHz (Application dependent) | | **Supply Voltage** | 3.3V DC (Standard) | | **Output Type** | CMOS / Clipped Sine Wave | | **Package Type** | LCC (Leadless Chip Carrier) / Surface Mount | | **Stability** | ±0.1 ppm to ±0.5 ppm | --- ## 2. Key Features and Architecture The internal design of the M60028LFCK-R focuses on maintaining signal integrity under varying environmental conditions. ### A. Frequency Stability The "LF" in the suffix often denotes **Low Frequency** or specific stability grades. These parts are designed to resist "drift," meaning the frequency stays constant even if the temperature changes significantly. ### B. Compensation Circuitry As a TCXO, it contains: * **Varactor Diode:** Used to tune the frequency. * **Temperature Sensor:** Monitors ambient heat. * **Compensation Network:** An analog or digital circuit that applies a corrective voltage to the crystal to counteract temperature-induced frequency shifts. ### C. Low Phase Noise This part is engineered for low jitter. In electronic terms, this means the "timing" of the pulses is extremely precise, which is critical for high-speed data transmission where even a few picoseconds of error can cause data loss. --- ## 3. Pinout and Integration Typically, these modules use a small footprint for PCB integration: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **VC / NC** | Voltage Control (for tuning) or No Connect | | 2 | **GND** | Circuit Ground | | 3 | **Output** | The generated clock signal | | 4 | **Vcc** | Power Supply (Input) | --- ## 4. Common Applications Due to its high precision, the M60028LFCK-R is found in the following sectors: 1. **Base Stations:** Synchronizing 4G/5G LTE cellular towers. 2. **GPS Receivers:** Providing a stable reference clock for satellite signal acquisition. 3. **Network Switches:** Ensuring data packets are timed correctly across fiber optic networks. 4. **Test Equipment:** Used in oscilloscopes and signal generators. --- ## 5. Part Number Breakdown (General) * **M60028:** Series Identifier. * **LF:** Lead-Free (RoHS Compliant). * **CK:** Package/Temperature code (typically -40°C to +85°C). * **R:** Tape and Reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact nominal frequency of your specific M60028LFCK-R unit?
    • ⤷ Do you require the footprint dimensions for PCB layout design?
    • ⤷ Are you looking for equivalent cross-reference parts from other manufacturers?