Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M60031LFCD-R

  • AI
    The **M60031LFCD-R** is a specific surface-mount electronic component, typically categorized as a **Pulse Transformer** or a **LAN Transformer/Magnetics Module**. These are most commonly used in Ethernet interfaces to provide galvanic isolation and signal conditioning. Below is the technical breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number suffix "LF" usually indicates **Lead-Free** (RoHS compliant), and "R" indicates **Tape & Reel** packaging for automated assembly. | Attribute | Specification | | :--- | :--- | | **Component Type** | LAN Magnetic Transformer | | **Application** | 10/100/1000 Base-T (Ethernet) | | **Mounting Type** | SMD (Surface Mount Device) | | **Number of Ports** | Usually Single Port | | **Compliance** | RoHS Compliant, IEEE 802.3 compatible | --- ### 2. Key Electronic Functions This component performs three critical roles in a networking circuit: 1. **Galvanic Isolation:** It protects the delicate PHY (Physical Layer) chip from high-voltage surges on the Ethernet cable (up to 1500V AC). 2. **Impedance Matching:** It ensures the impedance of the twisted-pair cable (100 ohms) matches the transceiver's requirements to minimize signal reflection. 3. **Common Mode Rejection:** It includes integrated **Common Mode Chokes** to filter out electromagnetic interference (EMI) and noise from the data lines. --- ### 3. Electrical Characteristics While specific datasheets vary by manufacturer (often associated with brands like **M-Tek** or **Pulse Electronics**), standard parameters for this series include: * **Turns Ratio:** Usually 1:1 for both Transmit (TX) and Receive (RX) channels. * **Insertion Loss:** Typically < -1.0 dB (from 1MHz to 100MHz). * **Return Loss:** Ideally > -12 dB to -16 dB depending on the frequency range. * **Crosstalk:** Minimizes interference between channels (Target < -30 dB). * **Inductance (OCL):** Typically minimum 350µH with an 8mA DC bias. --- ### 4. Typical Circuit Layout The internal schematic usually consists of a transformer followed by a common-mode choke. ```text Input (Chip Side) Transformer Choke Output (Cable Side) TD+ >----------+ || +----------+----------< TX+ ) | || | ( | CT >----------+ | || | +----------)----------< CT ) | || | ( | TD- >----------+ || +----------+----------< TX- ``` --- ### 5. Application Usage * **Network Interface Cards (NICs):** Found in PCs and laptops. * **Industrial Routers:** Providing robust data transmission in noisy environments. * **IoT Gateways:** Managing 10/100 Ethernet connectivity for smart devices. * **Set-Top Boxes:** Filtering data for IPTV applications.
    ✨ Follow-up Questions
    • ⤷ What is the pin configuration or footprint for the M60031LFCD-R?
    • ⤷ Can this part be used for Power over Ethernet (PoE) applications?
    • ⤷ Which manufacturers currently produce the M60031LFCD-R or its direct equivalents?