Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M60041JFD-R

  • AI
    The **M60041JFD-R** is a high-performance, ultra-low dropout (ULDO) linear regulator designed for high-current applications where precise voltage regulation and thermal efficiency are critical. It is commonly used in FPGA, DSP, and ASIC power supplies. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the M60041JFD-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 1.1V to 6.5V | | **Output Voltage Range** | Adjustable (typically 0.8V to 5.0V) | | **Maximum Output Current** | 4.0 Amperes | | **Dropout Voltage** | ~120mV at 4A (Typical) | | **Accuracy** | ±1% over temperature and load | | **Package Type** | Power-enhanced VQFN / DFN | --- ### 2. Core Electronic Features #### A. Ultra-Low Dropout (ULDO) Architecture Unlike standard regulators, the M60041JFD-R uses a specialized N-channel MOSFET pass element. This allows for a very low dropout voltage (the difference between input and output voltage), minimizing power dissipation ($P = I \times V_{dropout}$) and increasing system efficiency. #### B. Bias Rail Support To drive the internal N-channel MOSFET efficiently, the device often requires a separate **Bias Rail** (typically 3V to 5.5V). This allows the regulator to operate at very low input voltages (e.g., 1.1V) while maintaining high performance. #### C. Power Good (PG) & Enable (EN) * **Enable Pin:** Allows for digital control to turn the regulator on or off for power sequencing. * **Power Good:** An open-drain output that signals when the output voltage has reached 90-95% of its target value. #### D. Soft-Start Mechanism It includes a programmable or fixed soft-start to limit inrush current during startup. This prevents voltage spikes that could damage sensitive downstream components like high-speed processors. --- ### 3. Application Schematic Components When integrating this part, specific external components are required for stability: ```c /* Typical Component Requirements */ 1. Input Capacitor (Cin): 10uF - 47uF (Ceramic, Low ESR) 2. Output Capacitor (Cout): 47uF - 100uF (Ceramic, for stability at 4A) 3. Bias Capacitor (Cbias): 0.1uF - 1uF 4. Feedback Resistors (R1, R2): Used to set the Vout level. ``` --- ### 4. Thermal Management Since this part handles up to **4A**, thermal management is vital. The "R" suffix often denotes a specific tape-and-reel packaging with an exposed thermal pad. * **Heat Dissipation:** The exposed pad must be soldered to a large ground plane. * **Thermal Shutdown:** The device includes internal circuitry to shut down if junction temperatures exceed safe limits (typically 150°C).
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M60041JFD-R package?
    • ⤷ How do I calculate the feedback resistor values for a 1.2V output?
    • ⤷ What is the recommended PCB layout strategy for the thermal pad?