Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M60041KFCK-R

  • AI
    Based on the part number provided, this appears to be a specific configuration of an **M.2 Solid State Drive (SSD)**, likely an industrial-grade or OEM-specific module (often associated with brands like Micron, Micron-based assemblies, or specialty industrial suppliers). The "M600" prefix often refers to the **Micron M600 series** architecture, which was a high-performance SATA SSD line. --- ### ## Technical Specifications Breakdown | Component/Feature | Description | | :--- | :--- | | **Form Factor** | M.2 2280 (22mm width x 80mm length) | | **Interface** | SATA III 6.0 Gb/s (Backward compatible with SATA 3.0/1.5) | | **Capacity** | 256GB - 512GB (Varies by specific K-code suffix) | | **NAND Flash Type** | MLC (Multi-Level Cell) or TLC with Dynamic Write Acceleration | | **Controller** | Marvell 88SS9189 (Typical for M600 series) | | **Data Security** | TCG Opal 2.0 / AES 256-bit Hardware Encryption | --- ### ### Key Electronic Sub-Systems #### 1. The Controller (The Brain) The heart of this module is the **Marvell controller**. It manages the flow of data between the SATA interface and the NAND flash memory. It handles: * **Wear Leveling:** Ensuring data is written evenly across cells to prevent premature failure. * **ECC (Error Correction Code):** Detecting and fixing bit-flips during data retrieval. * **Thermal Throttling:** Reducing speeds if the electronic components exceed safe operating temperatures. #### 2. NAND Flash Storage The part utilizes high-density NAND chips. The M600 series specifically introduced **Dynamic Write Acceleration**, which treats a portion of the MLC/TLC pool as high-speed SLC (Single-Level Cell) cache to improve burst write performance. #### 3. Power Management Circuitry The board contains small surface-mount devices (SMDs) including: * **Voltage Regulators:** Converts the 3.3V input from the M.2 slot to the specific voltages required by the NAND and Controller (usually 1.2V or 1.8V). * **Capacitors:** Provide power loss protection (PLP) in some industrial variants to ensure data in flight is written to the disk during a sudden power outage. --- ### ### Physical Connectivity This part uses the **"B & M Key"** edge connector, which is standard for SATA-based M.2 drives. This ensures compatibility with both older B-key slots and newer M-key slots. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the KFCK-R variant?
    • ⤷ Is this SSD compatible with NVMe-only M.2 slots?
    • ⤷ What are the typical read/write speeds for the M600 series?