Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M60048GFK-R

  • AI
    ## M60048GFK-R: Technical Overview The **M60048GFK-R** is a specific electronic component, typically categorized as a **Liquid Crystal Display (LCD) Module**. It is widely used in industrial equipment, medical devices, and high-reliability embedded systems. Below is a breakdown of its core electronic parts and technical characteristics. --- ### 1. General Specifications The module is designed for compact display requirements, prioritizing clarity and low power consumption. | Parameter | Specification | | :--- | :--- | | **Component Type** | Monochrome STN (Super-Twisted Nematic) LCD | | **Resolution** | 128 x 64 Pixels | | **Interface** | Parallel (8-bit) | | **Backlight** | LED (Typically White or Yellow-Green) | | **Voltage Supply** | 3.3V to 5V DC | --- ### 2. Key Electronic Sub-systems The M60048GFK-R consists of several integrated layers and circuits that allow it to function: #### A. The Controller/Driver IC At the heart of the module is an integrated circuit (often compatible with the **NT7108** or **KS0108** chipset). This chip: * Receives data from the host MCU (Microcontroller). * Manages the internal Display Data RAM (DDRAM). * Generates the high-frequency multiplexing signals required to drive the liquid crystal pixels. #### B. Display Matrix (The Panel) * **STN Technology:** Uses Super-Twisted Nematic technology, which provides a higher contrast ratio and better viewing angles than standard TN displays. * **Reflective/Transflective Layer:** Allows the screen to be readable in both dark environments (using the backlight) and bright sunlight (reflecting ambient light). #### C. Backlight Circuit * Consists of an array of LEDs located behind the glass panel. * Includes a current-limiting resistor to protect the LEDs. * Requires a dedicated power pin (usually labeled `A` for Anode and `K` for Cathode). #### D. Contrast Adjustment Circuit * The module features a **VEE** or **V0** pin. * Electronic adjustment is achieved by connecting a 10kΩ-20kΩ potentiometer between $V_{DD}$ and $V_{EE}$, allowing the user to tune the liquid crystal voltage for optimal visibility. --- ### 3. Pin Configuration (Typical) | Pin | Symbol | Function | | :--- | :--- | :--- | | 1 | **Vss** | Ground (0V) | | 2 | **Vdd** | Power Supply (+5V or +3.3V) | | 3 | **V0** | Contrast Adjustment | | 4-6 | **Control** | RS (Data/Instruction), R/W (Read/Write), E (Enable) | | 7-14 | **DB0-DB7** | 8-bit Data Bus | | 15-16 | **CS1 / CS2** | Chip Select for Left/Right halves of the screen | | 17 | **RST** | Reset Signal | | 18 | **Vee** | Negative Voltage Output (for contrast) | --- ### 4. Integration Considerations * **Logic Levels:** Ensure your microcontroller (e.g., Arduino, ESP32, or STM32) matches the logic level of the module (5V vs 3.3V) to prevent damage. * **Timing:** The parallel interface requires precise timing for the "Enable" pulse to successfully latch data into the display's internal registers.
    ✨ Follow-up Questions
    • ⤷ Which driver library is recommended for interfacing the M60048GFK-R with an Arduino?
    • ⤷ How do I calculate the resistor value for the LED backlight pins?
    • ⤷ What is the difference between the STN and FSTN versions of this display?