Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M6DXAT-1-R

  • AI
    The **M6DXAT-1-R** is a high-performance, low-loss **directional coupler** manufactured by **Mini-Circuits**. It is designed for RF (Radio Frequency) applications, typically used for signal monitoring, power measurement, and signal leveling within telecommunications and wireless infrastructure. --- ## 1. Technical Specifications The following table summarizes the key electronic characteristics of the M6DXAT-1-R: | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 500 MHz to 6000 MHz | | **Coupling Value** | 20 dB (Nominal) | | **Mainline Loss** | 0.8 dB (at mid-band) | | **Directivity** | 15 - 20 dB | | **Return Loss (Input/Output)** | 18 - 22 dB | | **Power Handling** | Up to 100W (CW) | | **Impedance** | 50 $\Omega$ | --- ## 2. Key Electronic Components & Design The M6DXAT-1-R is built using advanced **LTCC (Low Temperature Co-fired Ceramic)** or high-frequency substrate technology. Its internal architecture consists of: ### A. Transmission Lines The core of the device features two electromagnetic lines placed in close proximity. * **Main Line:** Transmits the primary signal from the Input to the Output. * **Coupled Line:** Picks up a fraction (1/100th for 20dB) of the power flowing through the main line via electromagnetic induction. ### B. Termination Resistor Internal to the "R" (RoHS compliant) package is a precision termination resistor. This resistor absorbs the reflected wave to ensure high **directivity**, meaning the coupler only samples power moving in one specific direction (Forward power). ### C. Physical Package * **SMT Design:** It is a Surface Mount Technology component, allowing for automated assembly on PCBs. * **Shielding:** The component is usually encased in a metal or ceramic housing to prevent EMI (Electromagnetic Interference) from affecting the sensitive coupled signal. --- ## 3. Pin Configuration & Functionality Most directional couplers in this series follow a standard pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Input | Main signal entry point. | | **2** | Output | Main signal exit point (with minimal loss). | | **3** | Coupled | The sampled signal (20dB lower than Input). | | **4** | Ground | Connection to the PCB ground plane for stability. | --- ## 4. Common Applications 1. **VSRM Monitoring:** Measuring reflected power to protect amplifiers from damage. 2. **Power Control Loops:** Providing feedback to an Automatic Gain Control (AGC) circuit. 3. **Signal Sampling:** Testing signal quality without interrupting the main transmission line. 4. **Base Stations:** Used in 4G/5G infrastructure for antenna signal management.
    ✨ Follow-up Questions
    • ⤷What is the difference between directivity and isolation in this coupler?
    • ⤷ How does frequency affect the insertion loss of the M6DXAT-1-R?
    • ⤷ Can this part be used for bidirectional power sensing?