Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M6SXT-0V2-R

  • AI
    The **M6SXT-0V2-R** is a specific technical part number, most commonly associated with **SFP+ (Small Form-factor Pluggable) Optical Transceiver modules**, often utilized by networking manufacturers like Juniper Networks or in generic high-speed data center hardware. Below is a breakdown of the electronic components and technical specifications related to this type of module. --- ## 1. Technical Specifications This module is designed for 10 Gigabit Ethernet (10GbE) connectivity over fiber optic cabling. | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Enhanced Small Form-factor Pluggable) | | **Data Rate** | 10.3 Gbps | | **Wavelength** | 850 nm (Short Range) | | **Fiber Type** | Multi-Mode Fiber (MMF) | | **Max Distance** | 300m (on OM3) / 400m (on OM4) | | **Connector** | Duplex LC | | **Voltage Supply** | 3.3V | --- ## 2. Key Internal Electronic Components The internal architecture of the M6SXT-0V2-R consists of several critical sub-assemblies: ### A. Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a **VCSEL** (Vertical-Cavity Surface-Emitting Laser). It converts electrical signals from the switch into infrared light. * **ROSA (Receiver Optical Sub-Assembly):** Contains a **PIN Photodiode** and a Trans-Impedance Amplifier (TIA). It converts incoming light pulses back into electrical signals. ### B. Integrated Circuits (IC) * **Laser Driver:** Controls the TOSA, managing the bias current and modulation to ensure clear signal transmission. * **Limiting Amplifier:** Processes the signal from the ROSA to ensure it meets the standard logic levels required by the host device. * **EEPROM/MCU:** A small memory chip that stores the "Digital Diagnostic Monitoring" (DDM) data, vendor ID, and serial numbers. ### C. PCBA (Printed Circuit Board Assembly) * **Gold Fingers:** The 20-pin electrical interface that plugs into the switch or router. * **Passive Components:** Surface-mount resistors, capacitors, and inductors used for power filtering and impedance matching. --- ## 3. Support for DDM/DOM The "0V2" and "R" suffixes often denote specific revisions or RoHS compliance. This module typically supports **Digital Diagnostic Monitoring (DDM)**, allowing the network administrator to monitor: 1. **Temperature:** Internal heat of the transceiver. 2. **Supply Voltage:** Stability of the 3.3V rail. 3. **Laser Bias Current:** Health of the transmitting laser. 4. **Tx Power:** The strength of the signal being sent. 5. **Rx Power:** The strength of the signal being received. --- ## 4. Pinout Configuration The 20-pin connector on the M6SXT-0V2-R follows the SFF-8431 standard: | Pin | Symbol | Function | | :--- | :--- | :--- | | 1 | VeeT | Transmitter Ground | | 2 | TX_Fault | Transmitter Fault Indication | | 3 | TX_Disable | Optical Output Disable | | 4 | SDA | 2-wire Serial Interface Data Line | | 5 | SCL | 2-wire Serial Interface Clock Line | | 12/13 | RD-/RD+ | Receiver Differential Data Output | | 18/19 | TD+/TD- | Transmitter Differential Data Input | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between SFP and SFP+ in terms of speed?
    • ⤷ How do I troubleshoot a 'TX_Fault' error on this module?
    • ⤷ Is the M6SXT-0V2-R compatible with Single-Mode Fiber (SMF)?