Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M7R16FCJ-R

  • AI
    The **M7R16FCJ-R** is a high-performance **Multi-Chip Package (MCP)** memory module manufactured by **Micron Technology**. It is designed for compact electronic devices that require high-speed data processing and storage in a single, small-form-factor footprint. Below is a breakdown of its electronic specifications and characteristics. --- ## 1. Technical Architecture The M7R16FCJ-R is an MCP, meaning it combines two different types of memory technologies into one physical chip to save space on the Printed Circuit Board (PCB). | Component | Specification | | :--- | :--- | | **DRAM Type** | LPDDR4x (Low Power Double Data Rate 4x) | | **NAND Type** | e.MMC (embedded MultiMediaCard) | | **DRAM Capacity** | Usually 16Gb (2GB) - *Varies by specific sub-revision* | | **NAND Capacity** | Usually 128Gb (16GB) or higher | | **Package Type** | VFBGA (Very Fine Pitch Ball Grid Array) | | **Lead Status** | Lead-Free / RoHS Compliant | --- ## 2. Key Electronic Features ### LPDDR4x Section * **Low Voltage:** Operates at a reduced $V_{DDQ}$ (0.6V) compared to standard LPDDR4 (1.1V), significantly reducing power consumption. * **High Speed:** Supports high clock frequencies for rapid multitasking and OS performance. * **Data Width:** Optimized for mobile processors with 32-bit or 64-bit interfaces. ### e.MMC Section * **Integrated Controller:** Includes an internal flash controller that manages Wear Leveling, Error Correction Code (ECC), and Bad Block Management. * **Interface:** Follows the JEDEC e.MMC standard (likely v5.1), which allows for simplified system design as the CPU doesn't need to manage raw NAND flash. --- ## 3. Physical & Electrical Pinout Because this is a BGA (Ball Grid Array) component, the "parts" of the chip are connected via a grid of solder balls on the bottom. * **Power Pins ($V_{CC}$, $V_{CCQ}$):** Dedicated pins for the NAND core and I/O logic. * **Control Signals:** Includes `Chip Select (CS)`, `Clock (CLK)`, and `Data Strobe (DQS)` for the DRAM portion. * **Command/Address Bus:** Used by the SoC (System on Chip) to request data from specific memory locations. --- ## 4. Typical Applications This specific part is engineered for devices where internal space is at a premium: 1. **High-end Smartphones:** Providing the main system RAM and storage. 2. **Tablets:** Serving as the primary boot and execution memory. 3. **IoT Gateways:** For industrial applications requiring rugged, compact storage. 4. **Automotive Infotainment:** Used in dash displays and navigation systems. --- ## 5. Usage Considerations When integrating the M7R16FCJ-R into a circuit, engineers must account for: * **Thermal Management:** Being an MCP, it can generate concentrated heat during heavy read/write cycles. * **Signal Integrity:** Because of the high speeds (LPDDR4x), PCB trace lengths must be matched precisely to prevent data corruption.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage requirements for the VCC and VCCQ pins on this model?
    • ⤷ Which SoC manufacturers (Qualcomm
    • ⤷ MediaTek
    • ⤷ etc.) are compatible with the M7R16FCJ-R?
    • ⤷ What is the maximum operating temperature range for this memory module?