Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M7R32FCJ-R

  • AI
    ### Product Overview: M7R32FCJ-R The **M7R32FCJ-R** is a specific part number typically associated with **M.2 Solid State Drive (SSD)** modules, specifically those manufactured by **Micron** or used as OEM components in enterprise and high-end consumer hardware (often found in Dell or Lenovo systems). --- ### Key Technical Specifications Based on the architecture of this series, here are the electronic and technical components: | Feature | Specification | | :--- | :--- | | **Component Type** | NVMe Solid State Drive (SSD) | | **Interface** | PCIe Gen 4.0 x4 | | **Form Factor** | M.2 2280 (22mm x 80mm) | | **Protocol** | NVMe 1.4 | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **Capacity** | Typically 512GB (Varies by sub-revision) | --- ### Electronic Components & Architecture The device functions through a sophisticated arrangement of integrated circuits (ICs): #### 1. The Controller The "brain" of the drive. It manages the data flow between the PCIe interface and the NAND flash. * **Function:** Handles Wear Leveling, Error Correction Code (ECC), and Garbage Collection. * **Protocol:** Uses the NVMe protocol to minimize latency compared to older SATA controllers. #### 2. NAND Flash Memory The non-volatile storage area where data is physically kept. * **Structure:** Uses **3D NAND** technology, where memory cells are stacked vertically to increase density without increasing the physical footprint. * **Cell Type:** TLC (3 bits per cell) provides a balance between cost, capacity, and endurance. #### 3. Power Management IC (PMIC) * **Function:** Regulates the voltages required by the controller and the NAND chips. * **Protection:** Includes capacitors to filter electrical noise and protect against minor voltage fluctuations. --- ### Performance Data As a PCIe Gen 4 device, the M7R32FCJ-R is designed for high-throughput environments: | Metric | Estimated Value | | :--- | :--- | | **Sequential Read** | Up to 6,600 MB/s | | **Sequential Write** | Up to 5,000 MB/s | | **MTBF** | 2,000,000 Hours | --- ### Typical Use Cases * **Workstations:** High-speed data processing and video editing. * **Gaming Laptops:** Fast load times for modern AAA titles. * **Enterprise Servers:** Used as boot drives or high-speed cache tiers.
    ✨ Follow-up Questions
    • ⤷ What are the power requirements for the M7R32FCJ-R in milliampere?
    • ⤷ Is this specific model compatible with PCIe Gen 3 slots?
    • ⤷ Does this SSD include a DRAM cache or is it DRAM-less?