Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M7S13TCJ-R

  • AI
    The **M7S13TCJ-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Crystal Oscillator**. These components are essential in digital electronics for providing a precise and stable clock signal required for microprocessors, FPGAs, and communication interfaces. --- ## 1. Technical Specifications Based on the standard nomenclature for the M7S series (often manufactured by companies like KDS Daishinku or similar timing device specialists), here are the typical technical parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | SPXO (Simple Packaged Crystal Oscillator) | | **Package Size** | 7.0 x 5.0 mm (Standard 4-pad SMD) | | **Output Type** | CMOS / TTL Compatible | | **Supply Voltage** | Typically 3.3V or 5.0V (Variant dependent) | | **Frequency Stability** | ±50ppm to ±100ppm (Standard range) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Pin Configuration The device uses a standard 4-pad layout common to the 7050 package size: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | OE or NC | Output Enable (High = Active) or No Connection | | **2** | GND | Ground connection | | **3** | Output | The generated clock signal (Square wave) | | **4** | Vcc | Power supply input | --- ## 3. Key Electronic Characteristics ### Frequency Generation Inside the ceramic package is a quartz crystal blank cut to a specific resonance. The internal IC (Integrated Circuit) oscillates this crystal and buffers the signal to provide a clean square wave output. ### Output Enable (OE) Function The "TCJ" designation often implies specific logic levels for the Enable/Disable function. This allows the system to turn off the clock signal to save power during sleep modes without cutting the main Vcc power line. ### High Reliability The "R" suffix generally denotes **Tape and Reel** packaging for automated pick-and-place machines, but in some manufacturer catalogs, it also signifies compliance with specific environmental regulations (RoHS). --- ## 4. Typical Applications * **Networking:** Routers, switches, and modems. * **Computing:** Motherboards and peripheral controllers. * **Industrial:** PLC (Programmable Logic Controllers) and automation sensors. * **Consumer Electronics:** Digital cameras and high-end audio equipment.
    ✨ Follow-up Questions
    • ⤷ What is the specific output frequency of the M7S13TCJ-R version you are using?
    • ⤷ How does frequency stability (ppm) affect the performance of high-speed communication?
    • ⤷ What are the soldering precautions for a 7050 SMD crystal package?