Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M7S24FCJ-R

  • AI
    The **M7S24FCJ-R** belongs to a specific category of high-performance components, typically identified as a **Crystal Oscillator** or a **MEMS-based timing device** (often manufactured by companies like KDS Daishinku or similar precision component makers). Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Component Overview The "M7S" series generally refers to small-form-factor, surface-mount (SMD) oscillators. These parts provide the "heartbeat" or clock signal for digital integrated circuits. | Feature | Specification Details | | :--- | :--- | | **Component Type** | SPXO (Simple Packaged Crystal Oscillator) | | **Output Type** | CMOS / TTL Compatible | | **Package Size** | 7.0 x 5.0 mm (standard 7050 SMD package) | | **Operating Voltage** | Typically 3.3V or 5.0V (Varies by sub-series) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Electronic Parts & Construction The internal structure of this component consists of several integrated layers: 1. **The Resonator:** A precision-cut quartz crystal blank or a MEMS resonator that vibrates at a specific frequency when voltage is applied. 2. **The Oscillator IC:** A CMOS integrated circuit that provides the gain needed to sustain oscillation and buffers the output signal. 3. **Gold-Plated Pads:** Four primary termination points: * **Pin 1:** Standby or Tri-state control (allows the clock to be turned off to save power). * **Pin 2:** Ground (GND). * **Pin 3:** Output signal (Clock square wave). * **Pin 4:** Supply Voltage (Vcc). --- ### 3. Part Number Decoder (M7S24FCJ-R) While manufacturers have unique codes, the breakdown for this specific part generally follows this logic: * **M7S:** Product series identifier (7.0 x 5.0mm size). * **24:** Likely refers to the fundamental frequency (e.g., **24.000 MHz**). * **FCJ:** Internal manufacturer codes for frequency stability (e.g., ±50ppm or ±100ppm) and temperature range. * **-R:** Indicates "Tape and Reel" packaging for automated pick-and-place assembly. --- ### 4. Typical Applications Because of its stability and standard 7050 footprint, it is commonly found in: * **Industrial Automation:** PLCs and controller timing. * **Networking:** Routers, switches, and modems. * **Computing:** Motherboards and peripheral interfaces. * **Consumer Electronics:** High-definition video equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M7S24FCJ-R in MHz?
    • ⤷ What are the voltage requirements for this specific oscillator?
    • ⤷ Can this part be replaced with a smaller 5032 package size?