M7S24TCJ-R
AI

The **M7S24TCJ-R** is a specific surface-mount oscillator, typically categorized under frequency control components. It is manufactured by companies like **Mercury Electronic** and is widely used for providing precise timing signals in digital circuits.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electrical and physical characteristics. Below is a breakdown of its primary specifications:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SPXO) |
| **Package Size** | 7.0 x 5.0 mm (SMD) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | 3.3V (Typical) |
| **Frequency Range** | Usually fixed (e.g., 24.000 MHz as implied by '24') |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Stability** | ±25ppm to ±50ppm (Part dependent) |
---
### 2. Functional Pins
The M7S series typically utilizes a standard 4-pad configuration:
1. **Pad 1 (OE/NC):** Output Enable (allows the output to be turned on/off) or No Connection.
2. **Pad 2 (GND):** Ground connection to the PCB.
3. **Pad 3 (Output):** The generated clock frequency signal.
4. **Pad 4 (Vdd):** DC Power Supply input.
---
### 3. Electronic Features & Advantages
* **Tri-State Function:** The "T" in the part number often indicates a Tri-state (Output Enable) function, allowing the oscillator to enter a high-impedance state to save power or avoid bus conflicts.
* **Low Phase Jitter:** Designed for high-speed data applications where timing precision is critical.
* **RoHS Compliant:** The "-R" suffix denotes compliance with environmental standards (Restriction of Hazardous Substances).
* **Robust Construction:** The ceramic package with a metal lid provides excellent hermetic sealing and EMI shielding.
---
### 4. Common Applications
This component is found in various electronic sectors:
* **Networking:** Routers, switches, and modems.
* **Computing:** Motherboards and peripheral controllers.
* **Industrial:** PLC (Programmable Logic Controllers) and automation sensors.
* **Consumer Electronics:** Digital cameras and audio interfaces.
---
- ⤷
What is the exact frequency value for the M7S24TCJ-R variant?
- ⤷ How does the Tri-state function impact power consumption in this circuit?
- ⤷ Are there smaller package alternatives to the 7.0x5.0mm size for this oscillator?