Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M7S33FBJ-R

  • AI
    Based on the technical nomenclature, the **M7S33FBJ-R** typically refers to a specialized **Quartz Crystal Oscillator** (specifically a Surface Mount Device or SMD). These components are vital for providing precise timing signals in electronic circuits. Below is a breakdown of the electronic characteristics and specifications associated with this part series. ### 1. Component Overview The M7S series consists of CMOS output crystal oscillators. These are "active" components, meaning they require a power supply to generate a clock signal, unlike passive crystals. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SPXO (Simple Packaged Crystal Oscillator) | | **Output Type** | CMOS / TTL Compatible | | **Package Size** | 7.0 x 5.0 mm (4-pad SMD) | | **Operating Voltage** | 3.3V (indicated by the '33' in the part number) | | **Frequency Stability** | Typically ±50ppm or ±100ppm | --- ### 2. Part Number Breakdown The alphanumeric code provides specific details about the component's construction: * **M7S**: Series designation (7.0 x 5.0 mm size). * **33**: Operating Voltage (3.3 Volts DC). * **F**: Frequency Stability code (commonly represents ±100ppm, though varies by manufacturer). * **B**: Operating Temperature Range (typically -20°C to +70°C). * **J**: Tri-state / Enable-Disable function (Pin 1 can be used to turn the output on/off). * **R**: Packaging suffix (usually indicates Tape & Reel). --- ### 3. Pin Configuration The standard 7050 SMD package for these oscillators uses four pads: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | OE or NC | Output Enable (High = Active, Low = High Impedance) | | **2** | GND | Ground / Case Ground | | **3** | Output | The generated clock signal (Square Wave) | | **4** | Vdd | Positive Power Supply (+3.3V) | --- ### 4. Key Electronic Applications These oscillators are found in digital circuits that require a steady "heartbeat" to process data: * **Microcontrollers (MCUs):** Providing the external clock source. * **Networking:** Ethernet switches and routers. * **Industrial:** PLC controllers and automated machinery. * **Computing:** Peripheral interfaces and USB controllers. --- ### 5. Technical Precautions When integrating the M7S33FBJ-R into a PCB design: 1. **Bypass Capacitor:** A 0.01µF to 0.1µF ceramic capacitor should be placed as close as possible to the **Vdd** (Pin 4) and **GND** (Pin 2) to filter supply noise. 2. **Output Loading:** Ensure the load capacitance (CL) on the output pin does not exceed the datasheet limit (usually 15pF to 30pF) to avoid signal distortion.
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for this specific part number?
    • ⤷ Can this oscillator be used in automotive applications with high temperature requirements?
    • ⤷ What is the difference between this SPXO and a TCXO oscillator?