M7S48FDJ-R
AI

## Electronic Analysis of the M7S48FDJ-R
The **M7S48FDJ-R** is a specific part number belonging to the **M7S series** of high-frequency crystal oscillators manufactured by **TXC Corporation**. These components are essential in digital electronics for providing a stable clock signal.
---
### 1. General Specifications
Based on the TXC M7S series nomenclature, here are the primary technical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | CMOS Output Crystal Oscillator (XO) |
| **Package Size** | 7.0 x 5.0 mm (6 pads) |
| **Output Type** | CMOS |
| **Supply Voltage (Vdd)** | 3.3V (Typical for '48' series) |
| **Frequency Stability** | ±50 ppm (Standard for 'F' designation) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
### 2. Detailed Electronic Characteristics
#### A. Power Supply & Logic
* **Voltage Range:** This device typically operates at a nominal 3.3V, but is designed to handle fluctuations (usually ±10%).
* **Current Consumption:** Low power consumption, typically ranging from 15mA to 30mA depending on the specific frequency and load.
* **Standby Function:** Features a "Tri-state" or "Enable/Disable" function on Pin 1. This allows the output to go into a high-impedance state to save power when the clock is not needed.
#### B. Signal Integrity
* **Rise/Fall Time:** Designed for high-speed CMOS logic, featuring fast transition times (typically < 5ns) to minimize jitter.
* **Output Load:** Standard driving capability is 15pF.
* **Duty Cycle:** Maintains a tight symmetry of 45% to 55%.
---
### 3. Pin Configuration (Internal Mapping)
The M7S48FDJ-R uses a standard 6-pad SMD footprint, though often only 4 pads are active for basic operation:
| Pin # | Function | Description |
| :--- | :--- | :--- |
| 1 | OE or NC | Output Enable (High = Active; Low = High Impedance) |
| 2 | NC | No Connection |
| 3 | GND | Ground |
| 4 | Output | Clock Signal Output |
| 5 | NC | No Connection |
| 6 | Vdd | Supply Voltage (+3.3V) |
---
### 4. Typical Applications
Because of its 7x5mm package and industrial temperature rating, the M7S48FDJ-R is commonly used in:
* **Networking:** Routers, Switches, and Fiber Optic modules.
* **Industrial PC:** Motherboards and embedded controllers.
* **Storage:** Data centers and server-grade SSD controllers.
---
### 5. Part Number Decoding (Breakdown)
* **M7S**: Series Name (CMOS Oscillator 7.0x5.0mm).
* **48**: Voltage Code (3.3V).
* **F**: Frequency Stability (±50ppm).
* **D**: Temperature Range (-40 to +85°C).
* **J**: Frequency code (specific frequency value assigned by TXC).
* **R**: Packaging (Tape & Reel).
- ⤷
What is the exact frequency value assigned to the 'J' suffix for this part?
- ⤷ How does the tri-state function on Pin 1 impact power consumption?
- ⤷ Are there smaller package alternatives for the M7S series with the same specs?