Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M7S74TCJ-R

  • AI
    The part number **M7S74TCJ-R** refers to a high-performance **Crystal Oscillator** (specifically a SPXO - Simple Packaged Crystal Oscillator) manufactured by **MtronPTI**. These components are critical for providing a stable clock signal in high-speed digital circuits, communication equipment, and embedded systems. --- ### Technical Specifications The following table outlines the key electrical and physical characteristics of this component series: | Feature | Specification | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Output Type** | CMOS / TTL Compatible | | **Supply Voltage (Vcc)** | Typically 5.0V (Standard for M7S series) | | **Frequency Stability** | ±100ppm (Standard) to ±20ppm (Tight) | | **Operating Temp Range** | -40°C to +85°C (Industrial Grade) | | **Package Type** | J-Lead (Ceramic Surface Mount) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### Breakdown of the Part Number To understand the specific capabilities of this electronic part, we can decode the nomenclature used by MtronPTI: 1. **M7S**: The Series designation. M7S typically represents a 5.0V fixed-frequency oscillator in a specific ceramic package. 2. **74**: This code usually refers to the frequency stability and operating temperature combination. 3. **TCJ**: This suffix defines the physical package style and pin configuration. "J" often indicates a **J-lead** surface mount package, which is robust for thermal expansion. 4. **-R**: Indicates that the part is supplied on a **Tape and Reel**, intended for automated pick-and-place assembly lines. --- ### Key Applications * **Networking**: Used in Ethernet switches and routers to synchronize data packets. * **Industrial Control**: Providing timing for microcontrollers in harsh environments. * **Storage Area Networks (SAN)**: Clocking for Fiber Channel or SCSI interfaces. * **Legacy Systems**: Often used in 5V logic systems where modern 3.3V oscillators are incompatible. --- ### Physical Footprint The "J-Lead" configuration is distinct because the leads fold underneath the body of the component. This provides: * **Space Efficiency**: Smaller footprint than "Gull-wing" leads. * **Stress Relief**: The shape of the lead absorbs mechanical stress from PCB expansion/contraction.
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the M7S74TCJ-R?
    • ⤷ Are there 3.3V alternatives to the M7S series?
    • ⤷ What is the soldering profile for J-lead ceramic oscillators?