AI

The **M7S76FDJ-R** is a specific part number belonging to a high-performance **Oscillator** series, typically manufactured by **NDK (Nihon Dempa Kogyo Co., Ltd.)**. It falls under the category of Surface Mount Device (SMD) Crystal Oscillators, designed for high-stability timing and frequency control.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic characteristics for this part series:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SPXO) |
| **Frequency Range** | Usually between 1 MHz to 170 MHz |
| **Supply Voltage (Vcc)** | +2.5V to +3.3V (Standard) |
| **Output Type** | CMOS / LV-CMOS |
| **Package Size** | 7.0 x 5.0 mm (7050 SMD Package) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±20ppm to ±50ppm |
---
### 2. Electronic Part Composition
This component is an "active" electronic part, meaning it requires power to operate. It consists of two main internal sections:
1. **AT-Cut Quartz Crystal:** The heart of the device, providing the mechanical resonance that determines the frequency.
2. **Oscillator IC:** A CMOS integrated circuit that provides the necessary gain to maintain oscillation and buffers the signal for output to other digital circuits.
---
### 3. Pin Configuration (Internal Mapping)
Most 7050 SMD oscillators like the M7S series utilize a 4-pin layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Stand-by (OE) | High: Output enabled; Low: High impedance (Power saving) |
| **2** | GND | Ground connection |
| **3** | Output | Clock signal output (CMOS level) |
| **4** | Vcc | Power supply voltage |
---
### 4. Application Use-Cases
The M7S76FDJ-R is commonly found in circuits requiring a reliable "heartbeat" or reference clock:
* **Networking:** Ethernet switches, routers, and high-speed modems.
* **Computing:** Industrial PCs, motherboards, and peripheral controllers.
* **Consumer Electronics:** High-definition video equipment and digital audio interfaces.
---
### 5. Part Number Breakdown (Prefix Logic)
* **M7:** Usually denotes the 7.0 x 5.0 mm package size.
* **S:** Refers to the "Simple" or Standard SPXO (Simple Packaged Crystal Oscillator) series.
* **FDJ-R:** These suffixes specify the frequency stability, voltage requirements, and packaging format (e.g., Tape & Reel).
- ⤷
What is the exact frequency of this specific part number?
- ⤷ Can this oscillator be replaced with a 5.0 x 3.2 mm package equivalent?
- ⤷ How does the 'Stand-by' function impact power consumption in this device?