M8R22TAJ-R
AI

The **M8R22TAJ-R** is a specific electronic component, typically categorized as a **High-Frequency Chip Inductor** (often associated with brands like Taiyo Yuden or similar manufacturers producing M-series power inductors).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
This part belongs to the surface-mount device (SMD) family, designed for high-efficiency power conversion and filtering.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Component Type** | Metal Core Power Inductor |
| **Package Size** | 2.0mm x 1.6mm (Approx. 0806 Metric) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Metal Alloy (Low loss, high saturation) |
| **Shielding** | Magnetically Shielded |
---
### 2. Key Technical Attributes
The alphanumeric code "M8R22TAJ-R" provides specific data points regarding its performance:
* **Inductance Value:** The "R22" signifies **0.22 µH** (microhenries).
* **Tolerance:** Usually denoted by the letter following the value (often ±20% or ±30% depending on the specific series).
* **Metal Alloy Construction:** Unlike traditional ferrite inductors, the metal core allows for a higher saturation current ($I_{sat}$) in a smaller footprint.
* **Low DCR:** It features low Direct Current Resistance, which minimizes power loss through heat.
---
### 3. Application Areas
These inductors are primarily used in compact electronic devices where space is limited but power efficiency is critical.
* **DC-DC Converters:** Used in buck/boost converters for smartphones and tablets.
* **Power Management Integrated Circuits (PMICs):** For voltage regulation in CPUs and GPUs.
* **Portable Electronics:** Wearables, IoT devices, and digital cameras.
* **Filtering:** Reducing electromagnetic interference (EMI) in high-speed data lines.
---
### 4. Advantages of the M8 Series
1. **High Saturation Current:** The metal alloy core prevents the inductor from losing its properties even when high current spikes occur.
2. **Compact Profile:** The "T" in the suffix often relates to a low-profile height (usually < 1.0mm), making it ideal for thin PCBs.
3. **Stability:** High stability across a wide temperature range compared to standard ferrite inductors.
---
- ⤷
What is the maximum current rating (I-sat) for the M8R22TAJ-R?
- ⤷ Can this inductor be used in automotive applications
- ⤷ or is it strictly consumer-grade?
- ⤷ What are the recommended reflow soldering profiles for this specific package size?