Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M8R25TCJ-R

  • AI
    ## M8R25TCJ-R: Part Overview and Specifications The **M8R25TCJ-R** is an industrial-grade AC induction gear motor, typically manufactured by companies like **SPG Co., Ltd.** (a prominent Korean motor manufacturer). This specific model belongs to the 80mm frame size series and is widely used in automation, conveyor systems, and laboratory equipment. --- ### 1. Part Number Breakdown To understand the electronic and mechanical characteristics, we can decode the nomenclature: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **M8** | Frame Size | 80mm x 80mm square flange. | | **R** | Motor Type | Induction Motor (Reversible type). | | **25** | Output Power | 25 Watts. | | **T** | Bearing/Gear Type | Gear-head compatible shaft (usually helical). | | **C** | Voltage/Phase | Typically indicates 220V-240V AC (Single Phase). | | **J** | Protection | Often indicates impedance protection or thermal protection. | | **-R** | Lead Wire | Indicates a Lead Wire type connection (vs. Terminal Box). | --- ### 2. Electrical Specifications The following table outlines the typical electrical performance for this 25W class motor: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 220V - 240V AC | | **Frequency** | 50Hz / 60Hz | | **Rated Current** | Approx. 0.25A - 0.35A | | **Rated Speed (Motor)** | 1,200 ~ 1,550 RPM (before gear reduction) | | **Capacitor Required** | Usually 1.5μF to 2.0μF / 450V AC | | **Duty Cycle** | 30 Minutes (Reversible motors are rated for intermittent duty) | --- ### 3. Key Electronic Components Inside the assembly, there are several critical electronic elements: * **Stator Windings:** Copper coils configured for single-phase AC. The "Reversible" (R) designation means the windings are balanced to allow frequent starting, stopping, and direction changes. * **Running Capacitor:** Since this is a Permanent Split Capacitor (PSC) motor, it requires an external capacitor to create a phase shift for the starting torque. * **Thermal Protector:** Usually built-in (Thermal Switch) to prevent the motor from burning out if the rotor is locked or the ambient temperature exceeds 130°C. * **Magnetic Brake (Optional):** Some variants include an internal friction brake to prevent over-run, though the standard "R" model relies on the internal friction of the gearbox and electromagnetic damping. --- ### 4. Connection Diagram (Standard Lead Wire) To reverse the direction of rotation, the wiring configuration is changed via a switch or relay: ```text Clockwise (CW): Line 1 ----> Red Wire Line 2 ----> White Wire + Capacitor (Side A) (Capacitor Side B connected to White) Counter-Clockwise (CCW): Line 1 ----> White Wire Line 2 ----> Red Wire + Capacitor (Side A) ``` --- ### 5. Application Areas * **Conveyor Belts:** Precise speed control via gear ratios. * **Packaging Machines:** Used for intermittent feeding. * **Medical Equipment:** Quiet operation and high reliability. * **Food Processing:** Small-scale mixers or rotisseries.
    ✨ Follow-up Questions
    • ⤷ What is the standard gear ratio availability for the M8 series?
    • ⤷ How do I choose the correct capacitor for the M8R25TCJ-R?
    • ⤷ What is the difference between an induction motor and a reversible motor in this series?