Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M8R78TCJ-R

  • AI
    The **M8R78TCJ-R** refers to a specific variation of a high-performance **Synchronous DRAM (SDRAM)** chip, typically manufactured by companies like ESMT (Elite Semiconductor Microelectronics Technology) or similar memory specialists. It is commonly used in networking equipment, set-top boxes, and embedded systems. Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications The device is categorized as a **128Mb (8M x 16) SDRAM**. | Parameter | Specification | | :--- | :--- | | **Storage Capacity** | 128 Megabits (16 Megabytes) | | **Organization** | 2M words x 4 banks x 16 bits | | **Interface** | LVTTL (Low Voltage Transistor-Transistor Logic) | | **Refresh Cycle** | 4096 cycles / 64ms | | **Voltage Supply** | 3.3V ± 0.3V | | **Package Type** | TSOPII (54-pin) | --- ## 2. Pinout and Internal Architecture The chip uses a synchronous interface, meaning all signals are registered on the positive edge of the system clock. ### Key Functional Blocks: * **Four Banks:** The memory is divided into four independent banks, allowing for interleaved data access to hide precharge time and improve throughput. * **Control Signals:** * `CLK`: System Clock. * `CKE`: Clock Enable (used for power-down modes). * `CS#`: Chip Select. * `RAS#`, `CAS#`, `WE#`: Command inputs (Row Address Strobe, Column Address Strobe, Write Enable). * `DQMU/DQML`: Input/Output mask for high and low bytes. --- ## 3. Performance Ratings (Speed Grades) The suffix in the part number (like `-7` or `-6`) usually denotes the maximum clock frequency. | Speed Grade | Max Clock Frequency | CAS Latency (CL) | | :--- | :--- | :--- | | **-6** | 166 MHz | 3 | | **-7** | 143 MHz | 3 | | **-75** | 133 MHz | 3 | --- ## 4. Part Number Decoder (Typical) While naming conventions vary slightly by manufacturer, the M8R series usually follows this logic: * **M8R:** Product Family (SDRAM). * **78:** Density/Organization indicator (128Mb, x16). * **TC:** Package Type (T = TSOPII) and Temperature Range (C = Commercial). * **J:** Revision code for the silicon die. * **-R:** Lead-free/RoHS compliant packaging. --- ## 5. Application Areas Because this is a legacy memory standard (SDR SDRAM), it is primarily found in: 1. **Industrial Controllers:** PLC and HMI displays. 2. **Networking:** Routers and switches for buffer memory. 3. **Consumer Electronics:** DVD players and digital TV sets. 4. **Legacy Upgrades:** Maintaining older computing hardware.
    ✨ Follow-up Questions
    • ⤷ What are the specific timing differences between CAS Latency 2 and 3 for this chip?
    • ⤷ Can this 3.3V SDRAM be interfaced directly with a 1.8V microcontroller?
    • ⤷ What is the maximum operating temperature for the 'C' grade variant?