Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M8TS-255-R/SK

  • AI
    The **M8TS-255-R/SK** is a high-precision, industrial-grade linear motion component, typically categorized as a **Precision Rolled Ball Screw** assembly. These parts are critical in mechatronics for converting rotational motion into linear motion with high efficiency and accuracy. --- ## 1. Technical Specifications Overview The part number follows a specific nomenclature used by manufacturers (like TBI Motion or Hiwin equivalents). Here is the breakdown of its primary electronic and mechanical characteristics: | Specification | Details | | :--- | :--- | | **Model Series** | M8TS (Miniature/Standard precision series) | | **Nominal Diameter** | 8 mm | | **Lead (Pitch)** | 2 mm or 2.5 mm (depending on specific regional catalog variations) | | **Length** | 255 mm (Total shaft length) | | **Nut Type** | Single Nut with Flange (SK/R Type) | | **Accuracy Grade** | C7 (Standard Rolled) or C5 (Ground) | --- ## 2. Key Electronic & Electromechanical Parts While the screw itself is mechanical, it operates as part of an **Electromechanical Actuator System**. The following components are essential for its operation: ### A. Drive Motor (The Input) To actuate the M8TS-255, it is typically coupled with: * **NEMA 11 or NEMA 14 Stepper Motors:** For open-loop positioning. * **Small DC Servo Motors:** For high-speed, closed-loop applications requiring encoder feedback. ### B. Feedback Sensors (The Monitoring) Because the M8TS is used for precision, it is often paired with: * **Rotary Encoders:** Attached to the motor to track the rotation count and calculate linear position. * **Limit Switches / Optical Interrupters:** Placed at the 255mm boundaries to prevent mechanical crashing and to define the "Home" position. ### C. Coupling * **Flexible Couplers:** Connects the motor shaft to the 8mm ball screw shaft. These are designed to compensate for slight misalignments and protect the motor's internal bearings from axial loads. --- ## 3. Applications The M8TS-255-R/SK is commonly found in precision electronic equipment, including: 1. **3D Printers & CNC Mills:** For Z-axis or small-scale X/Y table movements. 2. **Laboratory Automation:** Moving pipettes or sample trays in medical diagnostic machines. 3. **Semiconductor Equipment:** Positioning wafers or optical components during inspection. --- ## 4. Maintenance and Integration Code When integrating this part into a control system (like an Arduino or PLC), the "Steps per Millimeter" must be calculated based on the lead. ```python # Example Calculation for a Stepper Motor Driver motor_steps_per_rev = 200 # Standard 1.8 degree motor microstepping = 16 # Driver setting screw_lead = 2.0 # 2mm movement per full rotation steps_per_mm = (motor_steps_per_rev * microstepping) / screw_lead print(f"Configure your controller to: {steps_per_mm} steps/mm") ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum axial load capacity for the M8TS series?
    • ⤷ How do I choose between a C7 and C5 accuracy grade for this part?
    • ⤷ What type of lubricant is recommended for miniature ball screws like the M8TS?