M8XR3-3V2Z2-R
AI

The part number **M8XR3-3V2Z2-R** typically corresponds to a high-performance **M8 series Circular Connector**, often utilized in industrial automation, sensor technology, and harsh environmental applications.
Below is a detailed breakdown of the electronic and mechanical specifications for this component.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M8 Circular |
| **Gender** | Male (Plug) |
| **Number of Pins** | 3-Pin |
| **Coding** | A-Coding (Standard for Sensors/DC Power) |
| **Mounting Type** | Right Angle (R), PCB Mount |
| **Voltage Rating** | 50V AC / 60V DC |
| **Current Rating** | 3A per contact |
| **Ingress Protection** | IP67 / IP68 (When mated) |
| **Termination** | Solder / Through-Hole |
---
### 2. Key Component Breakdown
#### A. Contact Design
The "3V" in the sequence generally refers to the **3-pin configuration**. These pins are typically gold-plated copper alloy to ensure low contact resistance and prevent oxidation in industrial environments.
#### B. Housing and Shielding
* **Body Material:** Usually Nickel-plated brass or Zinc die-cast.
* **Insulator:** High-temperature plastic (LCP or Nylon), suitable for wave soldering.
* **Shielding:** The "Z2" designation often implies specific shielding or grounding features to protect signals from Electromagnetic Interference (EMI).
#### C. Orientation (Right Angle)
The **"-R"** suffix denotes a **Right Angle** orientation. This is critical for electronic designs where:
1. PCB space is limited.
2. The cable needs to exit parallel to the board to reduce strain.
3. Low-profile housing is required.
---
### 3. Common Applications
Due to its ruggedized nature, this electronic part is found in:
* **Industrial Sensors:** Proximity switches, photoelectric sensors, and limit switches.
* **Actuators:** Connecting small valves and motors to a central PCB.
* **I/O Boxes:** Distribution boxes for factory automation.
* **Robotics:** Compact signal transmission in robotic arms.
---
### 4. PCB Footprint & Assembly
When integrating this part into a circuit:
* **Drill Holes:** Require precise spacing according to the manufacturer's datasheet (usually a 2.0mm or 2.5mm pitch).
* **Grounding:** Ensure the shield pins are tied to the chassis ground if EMI protection is required.
* **Mechanical Stress:** Since this is a Right Angle connector, ensure the PCB has sufficient mounting support to prevent the solder joints from cracking during cable mating/unmating.
- ⤷
What are the specific PCB hole dimensions for the M8XR3-3V2Z2-R footprint?
- ⤷ Is there a female mating equivalent for this specific 3-pin connector?
- ⤷ Does this connector support PoE (Power over Ethernet) or high-speed data?