Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M93C46-RMB3G/W

  • AI
    ## Technical Overview of M93C46-RMB3G/W The **M93C46-RMB3G/W** is a specific variant of the 93C46 family, which are **1-Kbit Low Voltage Serial Microwire Bus EEPROMs** (Electrically Erasable Programmable Read-Only Memory). These devices are commonly used for storing configuration data, user preferences, and calibration parameters in embedded systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (1,024 bits) | | **Organization** | User-selectable: 64 x 16-bit or 128 x 8-bit | | **Interface** | Microwire (3-wire serial) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Endurance** | 4 million write cycles | | **Data Retention** | 200 years | --- ### 2. Part Number Breakdown (Nomenclature) Understanding the suffix helps identify the specific environmental and packaging characteristics: * **M93C46**: Base part number for the 1-Kbit Microwire EEPROM. * **-R**: Indicates a wide operating voltage range (1.8V to 5.5V). * **MB**: Represents the **UFDFPN8** (2x3 mm) package. * **3**: Temperature range 3 (-40°C to +125°C), suitable for automotive/industrial use. * **G**: ECOPACK2 (RoHS compliant, Halogen-free). * **W**: Usually denotes a specific wafer process or internal Revision code. --- ### 3. Pin Configuration The device typically utilizes an 8-pin layout. Below is the functional mapping: | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **S** | Chip Select (Active High) | | 2 | **C** | Serial Clock | | 3 | **D** | Serial Data Input | | 4 | **Q** | Serial Data Output | | 5 | **Vss** | Ground | | 6 | **ORG** | Organization Select (High = x16, Low = x8) | | 7 | **DU/NC** | Do Not Use / No Connection | | 8 | **Vcc** | Supply Voltage | --- ### 4. Operational Modes The M93C46 communicates via a master-slave protocol. The Master (Microcontroller) controls the following operations via instruction codes: 1. **READ**: Read data from memory at a specified address. 2. **WEN (Write Enable)**: Must be sent before any write/erase operation to prevent accidental data loss. 3. **WRITE**: Write data to the specified address. 4. **WRALL**: Write the same data to all memory locations. 5. **WDS (Write Disable)**: Disables writing to protect data. --- ### 5. Application Usage Due to its small footprint and high reliability, this specific part is ideal for: * **Automotive Modules:** Storing mileage or sensor calibration. * **Industrial Controllers:** Saving set-points and operating hours. * **Consumer Electronics:** Storing MAC addresses or Wi-Fi credentials.
    ✨ Follow-up Questions
    • ⤷What are the differences between the x8 and x16 organization modes for this EEPROM?
    • ⤷ How does the 'Ready/Busy' status work during a write cycle?
    • ⤷ Are there compatible substitutes if the UFDFPN8 package is unavailable?