Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M93C46-RMB3P

  • AI
    ### M93C46-RMB3P Technical Overview The **M93C46-RMB3P** is a specific variant of the 93C46 family of serial Electrically Erasable Programmable Read-Only Memory (EEPROM). It is commonly used for storing configuration data, calibration constants, and device IDs in embedded systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (1,024 bits) | | **Organization** | Configurable: 64 x 16-bit or 128 x 8-bit | | **Interface** | Microwire (3-wire) Serial Interface | | **Operating Voltage** | 1.8V to 5.5V (Wide Range) | | **Clock Frequency** | 2 MHz | | **Package Type** | UFDFPN8 (Ultra-thin Fine-pitch Dual Flat No-lead) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | --- ### 2. Pin Configuration & Functionality The M93C46-RMB3P typically utilizes an 8-pin layout. Below is the standard functional mapping for this series: * **S (Chip Select):** High level enables the device; Low level puts it in standby mode. * **D (Serial Data Input):** Used to transfer opcodes, addresses, and data into the device. * **Q (Serial Data Output):** Used to read data out of the device. * **C (Serial Clock):** Synchronizes the communication between the microcontroller and the EEPROM. * **ORG (Organization):** A hardware pin that defines the memory structure ($x8$ or $x16$). * **Vcc / Vss:** Power supply and Ground pins. --- ### 3. Suffix Breakdown (Part Number Decoding) To understand the specific "RMB3P" variant, we look at the STMicroelectronics nomenclature: * **M93C46:** Base part number (1 Kbit Microwire EEPROM). * **-R:** Indicates a supply voltage range of **1.8V to 5.5V**. * **MB:** Refers to the **UFDFPN8** package (2x3 mm footprint). * **3:** Indicates the device is **Grade 3** (Industrial temperature range -40 to +125°C, though often rated to 85°C in specific contexts). * **P:** Denotes **RoHS compliant** and Antimony/Chlorine-free (Green) packaging. --- ### 4. Memory Endurance and Retention * **Write Cycles:** Supports up to **4 million** write cycles per byte. * **Data Retention:** Guaranteed for more than **200 years**, making it highly reliable for long-term storage in automotive or industrial applications. * **Write Protection:** Includes a software write-disable mode to prevent accidental data corruption during power-up or power-down sequences. ---
    ✨ Follow-up Questions
    • ⤷ How does the ORG pin affect the memory addressing of the M93C46?
    • ⤷ What are the primary differences between the Microwire interface and standard SPI?
    • ⤷ In what scenarios would the UFDFPN8 package be preferred over a standard SO8 package?