Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M93C66-RBN6TP

  • AI
    ## Technical Overview: M93C66-RBN6TP The **M93C66-RBN6TP** is a high-performance, low-voltage Serial Electrically Erasable Programmable Read-Only Memory (EEPROM). It is manufactured by STMicroelectronics and belongs to the Microwire bus family. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 4 Kbit (4096 bits) | | **Memory Organization** | 256 x 16-bit or 512 x 8-bit (Selectable via ORG pin) | | **Interface** | Microwire (3-wire or 4-wire serial) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (@ 5V), 1 MHz (@ 1.8V) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | --- ### 2. Functional Pins and Connections The device uses a standard 8-pin configuration common in the TSSOP8 footprint: | Pin | Name | Function | | :--- | :--- | :--- | | 1 | **S (CS)** | Chip Select: Activates the device when High. | | 2 | **C (SK)** | Serial Clock: Synchronizes data movement. | | 3 | **D (DI)** | Serial Data Input: Used to write op-codes and data. | | 4 | **Q (DO)** | Serial Data Output: Used to read data. | | 5 | **Vss** | Ground. | | 6 | **ORG** | Organization Select: High = x16, Low (or NC) = x8. | | 7 | **DU/NC** | Don't Use / No Connection. | | 8 | **Vcc** | Supply Voltage. | --- ### 3. Core Features * **Low Voltage Operation:** The "-R" suffix indicates the device is optimized for the 1.8V to 5.5V range, making it ideal for battery-powered electronics. * **Write Protection:** Includes a software write-protection mechanism to prevent accidental data corruption. * **Ready/Busy Signal:** During a write cycle, the Data Output (Q) pin can be used to poll the status of the internal write operation. * **Sequential Read:** Data can be read continuously without needing to re-send the read command for every address. --- ### 4. Application Areas This specific EEPROM is commonly found in: * **Consumer Electronics:** Storing user settings in TVs or audio equipment. * **Automotive:** Parameter storage for sensors and low-power modules. * **Industrial:** Calibration data and configuration settings for PLCs or meters. * **Networking:** Storing MAC addresses and firmware configuration. ---
    ✨ Follow-up Questions
    • ⤷ How do I toggle between x8 and x16 memory organization modes?
    • ⤷ What is the specific meaning of the 'N6TP' suffix in the part number?
    • ⤷ Can this device be directly interfaced with a 3.3V microcontroller?