M93C74-RDS3
AI

## Overview of the M93C74-RDS3
The **M93C74-RDS3** is a low-voltage, serial **Microwire EEPROM** (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is designed for non-volatile data storage in applications where space and power consumption are critical.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (8192 bits) |
| **Organization** | Configurable as 1024 x 8-bit or 512 x 16-bit |
| **Interface** | Microwire (3-wire serial interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) / 1 MHz (at 1.8V) |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +125°C (Automotive Grade 3) |
| **Endurance** | 1,000,000 Write Cycles |
| **Data Retention** | 40 Years |
---
### Pin Configuration (TSSOP8)
| Pin Name | Description | Function |
| :--- | :--- | :--- |
| **S** | Chip Select | Activates the device when high. |
| **D** | Serial Data Input | Receives instructions and data. |
| **Q** | Serial Data Output | Outputs data during read operations. |
| **C** | Serial Clock | Synchronizes data transfer. |
| **ORG** | Organization Select | High = 16-bit mode; Low = 8-bit mode. |
| **VCC** | Supply Voltage | 1.8V to 5.5V power supply. |
| **VSS** | Ground | Reference voltage (0V). |
| **DU** | Don't Use | Should be left floating or tied to VSS. |
---
### Operational Features
1. **Microwire Protocol:** This is a synchronous serial communication interface developed by National Semiconductor. It uses three main lines: Clock (C), Data In (D), and Data Out (Q).
2. **Flexible Architecture:** The **ORG** pin allows the user to define the memory structure. If tied to $V_{CC}$, it behaves as 512 words of 16 bits. If tied to $V_{SS}$, it behaves as 1024 bytes of 8 bits.
3. **Self-Timed Write Cycles:** The device includes an internal timer to manage the write process. Once a write command is sent, the chip manages the erasing and programming of cells automatically.
4. **Ready/Busy Status:** During a write cycle, the Data Output (Q) pin can be polled to check if the internal programming is complete.
5. **Sequential Read:** It supports reading multiple memory locations sequentially by continuing to provide clock pulses after the initial address is read.
---
### Common Applications
* **Automotive Electronics:** Storing calibration data and odometer readings.
* **Industrial Controllers:** Configuration settings and error logging.
* **Consumer Electronics:** User preferences and device ID storage.
- ⤷
What are the differences between the Microwire interface and the I2C interface used in EEPROMs?
- ⤷ How does the 'Ready/Busy' polling mechanism work during a write cycle?
- ⤷ Can the M93C74-RDS3 be used in 3.3V systems without level shifters?