Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • M93C86-RDS3

  • AI
    ## Overview of the M93C86-RDS3 The **M93C86-RDS3** is a specialized non-volatile memory chip. It belongs to the Microwire serial bus family, commonly used in automotive and industrial applications for storing configuration data, calibration parameters, and user settings that must be retained even when power is lost. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) | | **Interface** | Microwire (Serial 3-Wire) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | Up to 2 MHz | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Temperature Range** | -40°C to +125°C (Automotive Grade 3) | | **Write Cycles** | 4 million cycles (typical) | | **Data Retention** | 200 Years | --- ### 2. Pin Configuration (TSSOP8) The device features 8 pins, each serving a specific function in the serial communication process: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **S** | Chip Select (Active High) | | 2 | **C** | Serial Clock | | 3 | **D** | Serial Data Input | | 4 | **Q** | Serial Data Output | | 5 | **Vss** | Ground | | 6 | **ORG** | Organization (Selects x8 or x16 mode) | | 7 | **DU/NC** | Do Not Use / No Connection | | 8 | **Vcc** | Supply Voltage | --- ### 3. Core Functional Features * **Selectable Organization:** By setting the `ORG` pin, the memory can be configured to act as 2048 bytes (8-bit) or 1024 words (16-bit). * **Sequential Read:** It supports reading the entire memory array sequentially with a single command. * **Write Protection:** The device includes software write-protection features (Write Enable/Disable) to prevent accidental data corruption. * **Ready/Busy Signal:** During a write cycle, the data output pin (`Q`) can be polled to check if the internal write operation is complete. --- ### 4. Part Number Breakdown: `M93C86-RDS3` Understanding the suffix is critical for procurement and design: * **M93C86**: The base model family (16 Kbit Microwire EEPROM). * **-R**: Indicates the device operates in the **1.8V to 5.5V** range. * **D**: Refers to the **TSSOP8** (169 mil width) packaging. * **S**: Indicates the device is **Halogen-free** and RoHS compliant (ECOPACK2). * **3**: Represents **Automotive Grade 3** temperature rating (-40°C to +125°C). --- ### 5. Application Code Example (Pseudocode) To interact with this chip, a microcontroller uses a bit-banging approach or a hardware Microwire/SPI-compatible peripheral: ```cpp // Example: Basic Read Command logic void read_m93c86(uint16_t address) { select_chip(); // Set S pin HIGH send_bits(READ_OPCODE); // Send 110 (binary) send_bits(address); // Send the specific memory address uint16_t data = receive_bits(); // Read data from Q pin deselect_chip(); // Set S pin LOW } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the Microwire and SPI protocols for this chip?
    • ⤷ How does the ORG pin hardware connection affect the memory map?
    • ⤷ Can this chip be used in 5V legacy systems without level shifters?