MA12TCX-R
AI

The **MA12TCX-R** is a specialized high-performance electronic component, typically categorized as a **Micro-Coaxial Connector** or a **RF (Radio Frequency) Connector**. It is designed for high-density, small-form-factor applications where signal integrity and space-saving are critical.
---
## 1. Technical Specifications Overview
Below is a breakdown of the typical electronic characteristics found in this series of connectors:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Micro-Coaxial (SMT Type) |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Frequency Range** | Up to 6 GHz (Application dependent) |
| **Mounting Type** | Surface Mount (Right Angle) |
| **Contact Material** | Gold-plated copper alloy (for conductivity) |
| **Voltage Rating** | ~60V AC/DC |
---
## 2. Key Electronic Components & Materials
The "electronic parts" of the MA12TCX-R refer to the materials and design elements that ensure its performance:
### A. The Center Contact (Pin)
* **Material:** Usually a high-conductivity Phosphor Bronze or Copper Alloy.
* **Plating:** **Gold plating** is applied to prevent oxidation and ensure a low-resistance electrical path, essential for high-frequency signals.
### B. Dielectric Insulator
* **Material:** High-temperature plastic (such as LCP - Liquid Crystal Polymer).
* **Role:** Maintains the physical spacing between the signal pin and the ground shell to stabilize the **50 Ohm impedance**.
### C. Outer Shell (Ground)
* **Material:** Stainless steel or Brass with Silver or Gold plating.
* **Function:** Provides the grounding path and acts as a shield against **EMI (Electromagnetic Interference)**.
---
## 3. Usage in Circuitry
The MA12TCX-R is integrated into electronic systems via the following methods:
1. **SMT Soldering:** The base of the connector is soldered directly onto a PCB (Printed Circuit Board).
2. **Signal Routing:** It bridges the gap between a main board and an external antenna or another sub-module via a micro-coaxial cable.
3. **Space Constraints:** Due to its "R" (Right Angle) orientation, it allows for a lower vertical profile in thin devices like smartphones or IoT modules.
---
## 4. Typical Applications
* **Wireless Communication:** WiFi modules and Bluetooth antennas.
* **IoT Devices:** Compact sensors requiring RF connectivity.
* **Mobile Hardware:** Internal connections for GPS or 4G/5G antennas.
* **Testing:** Used as a test point for RF signal verification during manufacturing.
- ⤷What is the difference between SMT and Through-Hole mounting for this connector?
- ⤷ How does gold plating affect the signal integrity of RF connectors?
- ⤷ What are the common cable diameters compatible with the MA12TCX-R?