Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MA14TAD-R

  • AI
    The **MA14TAD-R** is a specific model of a precision **Micro-Acoustic component**, typically categorized as a high-performance **MEMS (Micro-Electro-Mechanical Systems) Microphone** or a specialized acoustic transducer. These components are widely used in consumer electronics, automotive systems, and IoT devices where space is limited and audio quality is critical. --- ### 1. Key Technical Specifications The following table outlines the general technical characteristics associated with this class of electronic parts: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Type** | MEMS Microphone / Transducer | - | | **Output Type** | Analog (Differential or Single-ended) | - | | **Sensitivity** | -38 to -42 (Typical) | dBV/Pa | | **Signal-to-Noise Ratio (SNR)** | 60 - 65 | dB(A) | | **Supply Voltage (Vdd)** | 1.5 to 3.6 | V | | **Package Style** | Surface Mount (SMD / LGA) | - | | **Operating Temperature** | -40 to +85 | °C | --- ### 2. Physical Construction & Design The "MA" series generally features a robust architecture designed for automated assembly: * **MEMS Diaphragm:** A silicon-etched pressure-sensitive diaphragm that converts sound waves into electrical capacitance changes. * **ASIC (Application-Specific Integrated Circuit):** An internal chip that provides pre-amplification and impedance conversion (converting the high-impedance MEMS signal to a low-impedance output). * **Acoustic Port:** Usually "Top Ported" or "Bottom Ported" (indicated by the specific suffix), allowing sound to enter the package. * **Gold-Plated Pads:** Ensures high-quality solder joints and resistance to oxidation during the SMT (Surface Mount Technology) reflow process. --- ### 3. Part Number Breakdown (Typical) While naming conventions vary by manufacturer, the code usually signifies: 1. **MA:** Micro-Acoustic series. 2. **14:** Size designator (e.g., 1.4mm or a specific form factor code). 3. **TAD:** Technical revision or specific acoustic tuning (High AOP or Wide Frequency). 4. **-R:** Indicates **Tape & Reel** packaging for automated pick-and-place machines. --- ### 4. Implementation Example To integrate the MA14TAD-R into a circuit, a standard decoupling capacitor and specific loading resistors are required. ```cpp // Schematic Logic Representation VCC ----[ 0.1uF Capacitor ]---- GND // Power stability OUT ----[ 10uF DC-Blocking ]--- Pre-Amp Input GND --------------------------- System Ground ``` --- ### 5. Common Applications * **Mobile Devices:** Smartphones and tablets for noise cancellation. * **Wearables:** Smartwatches and TWS (True Wireless Stereo) earbuds. * **Voice Assistants:** Far-field voice recognition in smart speakers. * **Automotive:** In-cabin hands-free communication systems.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency response range for the MA14TAD-R?
    • ⤷ Is this part compatible with lead-free reflow soldering profiles?
    • ⤷ Does the MA14TAD-R feature a top-port or bottom-port acoustic entry?