Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MA18TAD-R

  • AI
    The **MA18TAD-R** is an electronic component primarily classified as a **Rotary Encoder Accessory** or a specific **Sensor Evaluation Board/Module**, often associated with brands like *Broadcom (Avago)* or specialized magnetic sensor manufacturers. Below is a detailed breakdown of its specifications and electronic characteristics. ### 1. General Overview The MA18TAD-R is typically a **Magnetic Encoder Target Board** or an **Evaluation Kit** designed to work with magnetic angle sensors. It serves as the physical interface between a rotating shaft and the sensing IC. --- ### 2. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Encoder Adapter / Target Board | | **Compatible Sensors** | Often used with the MA7xx series (e.g., MA702, MA730) | | **Function** | Converts rotational magnetic field data into electrical signals | | **Mounting Type** | Surface Mount or Plug-in (depending on the specific carrier) | | **Operating Voltage** | Typically 3.3V to 5V (determined by the host sensor) | | **Interface** | SPI, SSI, or PWM (Output from the sensor on board) | --- ### 3. Electronic Components & Composition The "TAD" designation usually refers to a specific hardware configuration. On this board, you will find: 1. **Magnetic Sensor IC:** The core chip that detects the orientation of a magnetic field. 2. **Decoupling Capacitors:** Small SMD capacitors (usually 0.1µF) to filter noise from the power supply. 3. **Pull-up/Pull-down Resistors:** Used for stabilizing the digital communication lines (SPI/I2C). 4. **Connectors:** Pins or pads designed to interface with a microcontroller (like Arduino, STM32, or a specialized tester). --- ### 4. Applications The MA18TAD-R is used in systems requiring precise angular feedback: * **BLDC Motor Control:** Providing rotor position for commutation. * **Robotics:** Joint position sensing for robotic arms. * **Industrial Automation:** Rotary knobs and control interfaces. * **Consumer Electronics:** High-end camera lens focusing or digital dials. --- ### 5. Implementation Example When connecting the MA18TAD-R to a microcontroller, the wiring typically follows this logic: ```cpp // Example: Basic SPI Pin Definition for a Magnetic Encoder #define CS_PIN 10 #define MOSI_PIN 11 #define MISO_PIN 12 #define SCK_PIN 13 void setup() { pinMode(CS_PIN, OUTPUT); // Initialize SPI communication to read Angle Data from MA18TAD-R SPI.begin(); } ``` ---
    ✨ Follow-up Questions
    • ⤷ Which specific magnetic sensor IC is mounted on the MA18TAD-R board?
    • ⤷ What is the maximum rotational speed (RPM) supported by this encoder module?
    • ⤷ How do I calibrate the zero-point on the MA18TAD-R?