Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MA25FBA-R

  • AI
    The **MA25FBA-R** is a high-performance **Magnetic Encoder** manufactured by **TDK**. It is an integrated circuit (IC) or sensor module designed specifically for high-resolution angular position sensing, typically used in motor control and robotics. --- ## 🏗️ Technical Overview The MA25FBA-R belongs to the TDK MagAlpha series. It leverages the **Hall Effect** to detect the orientation of a magnetic field from a rotating permanent magnet placed above it. ### Key Specifications | Feature | Description | | :--- | :--- | | **Sensor Type** | Magnetic Angle Sensor (Contactless) | | **Resolution** | Usually 8 to 14 bits (depending on configuration) | | **Output Interfaces** | SPI (Synchronous Serial), SSI, PWM, or Incremental (ABI) | | **Operating Voltage** | 3.3V (Typical) | | **Rotational Speed** | Supports high-speed rotation (up to 25,000+ RPM) | | **Package** | Ultra-compact (often QFN or similar small footprints) | --- ## ⚡ Internal Electronic Functions ### 1. Hall Elements Array The chip contains a circular array of Hall elements. When a diametrically magnetized magnet rotates above the chip, these elements detect the sine and cosine components of the magnetic field. ### 2. CORDIC Algorithm Internally, the chip processes the raw analog signals from the Hall sensors using a **CORDIC (Coordinate Rotation Digital Computer)** processor. This converts the magnetic field vectors into a precise digital angle. ### 3. Latency Compensation One of the advanced electronic features of the MA25 series is its low latency. It is designed to provide real-time position data even at high speeds, which is critical for the feedback loops in brushless DC (BLDC) motors. --- ## 🔌 Connection & Interfacing | Pin Category | Functionality | | :--- | :--- | | **Power (VDD/GND)** | Powers the internal logic and Hall array. | | **SPI Interface** | Used for digital configuration and high-speed angle readout. | | **ABI/UVW Outputs** | Simulates incremental encoders or provides commutation signals for motor drivers. | | **PWM** | Provides a pulse-width modulated signal proportional to the angle. | --- ## 🎯 Primary Applications * **Robotic Joints:** For precise position control of limbs. * **BLDC Motors:** Replaces optical encoders or physical brushes for commutation. * **Computer Peripherals:** High-end scroll wheels or dials. * **Automotive:** Electronic throttle control or steering angle sensing. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact bit resolution of the MA25FBA-R?
    • ⤷ How does magnetic interference affect this specific sensor?
    • ⤷ Can this sensor be used for linear position sensing or only rotary?