Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MA63TCG-R

  • AI
    The **MA63TCG-R** is a specific model within the series of absolute magnetic rotary encoders, typically manufactured by companies like **MagAlpha (Monolithic Power Systems)** or similar specialized sensor providers. These components are designed for high-resolution position sensing in industrial and automotive applications. --- ## 1. Core Technical Specifications The "MA" series generally refers to MagAlpha technology, which uses a Hall effect sensor array to detect the magnetic field vector of a rotating permanent magnet. | Parameter | Typical Specification | |:--- |:--- | | **Sensor Type** | Contactless Magnetic Angle Sensor | | **Resolution** | 8 to 14 bits (depending on configuration) | | **Interface** | SPI (Serial Peripheral Interface) / PWM / Analog | | **Output Type** | Absolute Angle Position | | **Supply Voltage** | 3.3V (Standard) | | **Package** | QFN-16 (Typical for the TCG designation) | --- ## 2. Key Electronic Features ### A. Hall Effect Array Unlike optical encoders that use light and discs, the MA63TCG-R uses a **circular array of Hall elements**. It measures the horizontal components of the magnetic field ($\cos$ and $\sin$), allowing it to calculate the absolute angle of a dipole magnet placed above or at the end of a motor shaft. ### B. High-Speed Processing The "TCG" variant often features optimized digital filters. These parts are designed to minimize **latency** (the delay between the actual mechanical movement and the digital output), which is critical for high-RPM motor control. ### C. Interface Options 1. **SPI:** Used for high-speed digital readout of the absolute position and for configuring internal registers (such as zero-point settings). 2. **PWM:** Provides a pulse-width modulated signal where the duty cycle represents the angle (0 to 360 degrees). 3. **UVW/ABZ:** Some variants can emulate optical encoder outputs (Incremental) or brushless DC motor commutation signals. --- ## 3. Application Use Cases Due to its robust, contactless nature, the MA63TCG-R is found in: * **Robotics:** Joint position sensing for robotic arms. * **BLDC Motors:** Replacing traditional Hall switches for smoother commutation (FOC - Field Oriented Control). * **HMI (Human Machine Interface):** High-end digital knobs and rotary switches. * **Automotive:** Steering angle sensors and electronic throttle control. --- ## 4. Typical Integration Circuit To integrate this part, a basic decoupling capacitor and an SPI connection to a microcontroller are required: ```cpp // Example: Pseudocode to read angle via SPI uint16_t readAngle() { uint16_t raw_data; select_chip(); // Pull CS Low raw_data = spi_transfer(0x0000); // Send NOP, receive angle deselect_chip(); // Pull CS High return raw_data >> 2; // Shift based on resolution } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the MA63TCG-R without losing accuracy?
    • ⤷ How does the alignment of the magnet affect the 14-bit resolution performance?
    • ⤷ What are the specific power consumption ratings in sleep vs. active mode?