Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MAH75FCX-R

  • AI
    The **MAH75FCX-R** is a high-performance, industrial-grade **Thermoelectric Cooler (TEC) / Peltier Module** manufactured by Ferrotec. This specific model is part of their high-reliability series designed for cycling applications and precision temperature control. ### 1. Key Technical Specifications The performance of the MAH75FCX-R is defined by its ability to transfer heat via the Peltier effect. | Parameter | Specification (Typical) | | :--- | :--- | | **Max Current ($I_{max}$)** | ~3.9 Amps | | **Max Voltage ($V_{max}$)** | ~15.4 Volts | | **Max Cooling Power ($Q_{max}$)** | ~36 - 38 Watts | | **Max Temp Difference ($\Delta T_{max}$)** | $\ge 68^\circ\text{C}$ (at $T_h = 27^\circ\text{C}$) | | **Internal Resistance** | ~3.15 Ohms | | **Dimensions** | 30mm x 30mm x 3.6mm (approx) | --- ### 2. Internal Electronic Construction The device is solid-state, meaning it has no moving parts. Its internal architecture consists of: * **P-N Junctions:** Dozens of pairs of Bismuth Telluride ($Bi_2Te_3$) semiconductor pellets. These are doped to create positive (P) and negative (N) charge carriers. * **Ceramic Plates:** Typically made of Aluminum Oxide ($Al_2O_3$). These act as the electrical insulator but provide high thermal conductivity to move heat to and from the semiconductor pellets. * **Copper Trace Layers:** Conductive paths printed on the inner side of the ceramic plates to connect the P-N junctions in a series electrical circuit. * **Porch Configuration:** The "FCX" designation often refers to the lead wire attachment style or a specific high-cycling construction (Ferrotec’s "Cycling" series) designed to withstand the mechanical stress of rapid temperature changes. --- ### 3. Critical Operating Principles #### A. The Peltier Effect When a DC current flows through the MAH75FCX-R, heat is absorbed at one junction (the cold side) and rejected at the other junction (the hot side). Reversing the polarity of the DC current reverses the direction of heat flow, allowing for both **heating and cooling** with a single component. #### B. Thermal Management Requirement The "R" suffix often denotes specific moisture protection or high-reliability standards. However, the most critical electronic factor is **heat dissipation**. If the hot side is not attached to an adequate heat sink, the unit will overheat and fail (thermal runaway) within seconds. --- ### 4. Typical Applications Due to its robust construction, this part is used in environments requiring precise thermal stability: 1. **Laser Diode Cooling:** Stabilizing the wavelength of high-end lasers. 2. **PCR Thermal Cyclers:** Rapidly heating and cooling DNA samples in laboratory settings. 3. **CCD Cooling:** Reducing "dark noise" in astronomical or medical imaging sensors. 4. **Industrial Instrumentation:** Temperature-sensitive analytical equipment.
    ✨ Follow-up Questions
    • ⤷ What are the recommended power supply types for driving this TEC module?
    • ⤷ How does the 'Cycling' rating of this model differ from standard Peltier modules?
    • ⤷ What is the best way to mount this module to a heat sink for maximum efficiency?