Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MAH75TCD-R

  • AI
    The **MAH75TCD-R** is a high-performance, ultra-low power consumption MEMS (Micro-Electro-Mechanical Systems) thermal conductivity gas sensor. It is widely used in industrial and consumer electronics for detecting gas concentration based on the thermal conductivity principle. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the MAH75TCD-R: | Feature | Specification | | :--- | :--- | | **Detection Principle** | Thermal Conductivity (MEMS) | | **Supply Voltage (Vcc)** | 2.5V to 3.6V DC | | **Typical Current** | < 5 mA (low power consumption) | | **Output Type** | Analog Voltage / Bridge Output | | **Response Time (T90)** | < 10 Seconds | | **Target Gases** | H2, CH4, CO2, He, SF6, etc. | | **Operating Temp** | -40°C to +85°C | --- ### 2. Internal Electronic Components The MAH75TCD-R is not a simple resistor; it is an integrated system consisting of several micro-scale parts: * **MEMS Sensing Element:** A microscopic bridge structure (often silicon-based) that contains a heating element and a temperature sensor. * **Reference Cell:** A sealed or compensated compartment that serves as a baseline against ambient temperature fluctuations. * **Wheatstone Bridge Circuit:** The internal wiring is typically configured as a bridge. As the gas concentration changes, the thermal conductivity changes, leading to a resistance shift that results in a measurable voltage differential. * **Filter/Membrane:** A specialized protective layer that allows gas diffusion while protecting the electronics from dust and humidity. --- ### 3. Basic Application Circuit To interface this part with a microcontroller (like an Arduino or STM32), a signal conditioning circuit is required. ```cpp // Example logic for reading a thermal conductivity sensor via ADC int sensorPin = A0; // Connected to the output of the bridge amplifier float sensorValue = 0; void setup() { Serial.begin(9600); } void loop() { sensorValue = analogRead(sensorPin); // Convert voltage to gas concentration based on datasheet curves float voltage = sensorValue * (5.0 / 1023.0); Serial.print("Sensor Output (V): "); Serial.println(voltage); delay(1000); } ``` --- ### 4. Comparison: Thermal Conductivity vs. Catalytic Unlike standard catalytic sensors, the MAH75TCD-R does not "burn" the gas. 1. **High Stability:** It is not prone to "poisoning" from chemicals like silicone or lead. 2. **Wide Range:** It can measure high concentrations (up to 100% Vol) of gases like Hydrogen or Carbon Dioxide. 3. **Longevity:** Because it operates at lower temperatures and doesn't rely on a chemical reaction, the lifespan is significantly longer than electrochemical sensors.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the MAH75TCD-R sensor?
    • ⤷ How do I calibrate this sensor for Hydrogen (H2) detection?
    • ⤷ Does this sensor require a specific preheating time before accurate readings are possible?