Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MBR1060..

  • AI
    ## Overview of the MBR1060 Schottky Barrier Rectifier The **MBR1060** is a high-power Schottky Barrier Diode designed for rectification, freewheeling, and polarity protection. It is widely used in power supplies due to its low forward voltage drop and fast switching capabilities. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the MBR1060: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 60 | V | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 10 | A | | **Peak Forward Surge Current** (8.3ms) | $I_{FSM}$ | 150 | A | | **Maximum Forward Voltage** (@ 10A, 25°C) | $V_F$ | 0.70 | V | | **Operating Junction Temperature** | $T_J$ | -65 to +150 | °C | | **Package Type** | - | TO-220AC | - | --- ### 2. Physical and Pin Configuration The MBR1060 typically comes in a **TO-220** plastic package, which allows for easy mounting onto a heatsink to manage thermal dissipation. * **Pin 1 (Cathode):** Connected to the metal tab (usually). * **Pin 2 (Anode):** The input side for the current. * **Case/Tab:** Usually connected to the Cathode to assist in heat transfer. --- ### 3. Core Features * **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction rather than a P-N junction, resulting in a significantly lower forward voltage drop. * **High Efficiency:** Lower power loss during conduction increases the overall efficiency of power converters. * **Fast Switching:** Extremely low reverse recovery time ($t_{rr}$), making it ideal for high-frequency applications. * **Guard Ring for Stress Protection:** Most MBR1060 diodes include an internal guard ring for transient protection and high $dv/dt$ capability. --- ### 4. Common Applications 1. **Switching Mode Power Supplies (SMPS):** Used in the output rectification stage. 2. **DC-DC Converters:** Acts as a freewheeling diode to provide a path for inductor current. 3. **Battery Chargers:** Prevents reverse current flow from the battery to the charger. 4. **Solar Panels:** Used as a blocking diode to prevent battery discharge through the panels at night. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MBR1060 and a standard silicon rectifier like the 1N4007?
    • ⤷ How do I calculate the heat dissipation requirements for an MBR1060 at 5A load?
    • ⤷ Is there a dual-diode version of the MBR1060 for center-tap transformers?