Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MCP1725

  • AI
    The **MCP1725** is a high-performance, Low Dropout (LDO) linear regulator manufactured by Microchip Technology. It is designed to provide high output current (up to 1A) with very low output voltage noise and high stability. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the MCP1725: | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 2.3V to 6.0V | | **Maximum Output Current** | 1.0 A | | **Dropout Voltage (Typical)** | 210 mV @ 1A | | **Output Voltage Options** | Fixed (0.8V - 5.0V) or Adjustable (0.8V - 5.0V) | | **Quiescent Current** | 120 µA (Typical) | | **Shutdown Current** | 0.1 µA (Typical) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Features The MCP1725 includes several specialized features that distinguish it from standard linear regulators: * **Power Good (PWRGD) Output:** An open-drain output that signals when the output voltage is within 92% of the regulated value. * **Adjustable Delay (CDELAY):** Allows the user to set the delay time for the Power Good signal using an external capacitor. * **Shutdown Pin (SHDN):** Enables the device to enter a low-current state to conserve power in battery-operated systems. * **Stable with Ceramic Capacitors:** It is designed to remain stable even with low-ESR ceramic output capacitors (minimum 1.0 µF required). * **Protection Circuitry:** Includes internal thermal shutdown and short-circuit current limiting. --- ### 3. Pin Configuration (8-Lead SOIC/DFN) Below is the standard pinout description for the MCP1725: 1. **VIN:** Input Voltage Supply. 2. **VOUT:** Regulated Voltage Output. 3. **VADJ / NC:** Feedback for adjustable version or No Connection for fixed version. 4. **GND:** Ground Reference. 5. **SHDN:** Shutdown Input (Active Low). 6. **PWRGD:** Power Good Output (Open-Drain). 7. **CDELAY:** Delay Capacitor pin for PWRGD timing. 8. **EP (Exposed Pad):** For DFN packages, must be connected to Ground for heat dissipation. --- ### 4. Typical Application Circuit When designing with the MCP1725, standard decoupling capacitors are necessary for stability and noise reduction. ```markdown Vin ----[ C_in: 1uF ]----| VIN VOUT |----[ C_out: 1uF ]---- Vout | MCP1725 | ---[ C_delay ]----| CDELAY PWRGD |----[ Pull-up Resistor ] | SHDN ADJ | ------------------- ``` ---
    ✨ Follow-up Questions
    • How do I calculate the output voltage for the adjustable version of the MCP1725?
    • What is the formula for determining the Power Good delay time using the CDELAY pin?
    • In what scenarios should I choose the MCP1725 over a switching regulator?