Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MCSO2EHV

  • AI
    The **MCSO2EHV** is a high-performance, high-reliability crystal oscillator designed specifically for extreme environments. It is part of the MCSO (Miniature Crystal Stacked Oscillator) series produced by **Microcrystal** (a Swatch Group company). Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ## 1. Technical Overview The MCSO2EHV is a clock generator that combines a high-quality quartz crystal with a CMOS-based integrated circuit (IC) inside a miniature ceramic package. It is characterized by its ability to operate at very high temperatures (up to 210°C) and its high resistance to shock and vibration. ### Key Specifications | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | 10 kHz to 225 MHz | | **Supply Voltage (Vdd)** | 2.5V, 3.3V, or 5.0V | | **Temperature Range** | -55°C up to +210°C | | **Current Consumption** | Very Low (typ. < 2 mA at 10 MHz) | | **Package Type** | SMT Ceramic (approx. 5.0 x 3.2 mm) | | **Output Type** | CMOS / HC-MOS | --- ## 2. Internal Electronic Construction The device is a "Hybrid" component, meaning it integrates several elements into one hermetically sealed unit: ### A. The Quartz Crystal * **Cut:** Usually uses an AT-cut or SC-cut crystal blank depending on the frequency and thermal requirements. * **Stability:** Designed for low aging and high frequency stability across the entire temperature gradient. ### B. The Oscillator IC (ASIC) * **Feedback Loop:** Contains the inverter and feedback resistors to maintain oscillation. * **Buffer Stage:** Includes an output buffer to drive the signal into the PCB trace without loading the crystal. * **Tri-state Function:** Often includes an "Enable/Disable" pin (E/H) to reduce power consumption when the clock is not needed. ### C. Ceramic Packaging * The parts are housed in a **High-Temperature Ceramic** package with a Kovar lid. * **Gold Plating:** The pads are typically gold-plated to ensure reliable soldering in harsh environments. * **Hermetic Seal:** The unit is vacuum-sealed or filled with inert gas to prevent oxidation of the internal quartz and circuitry. --- ## 3. Circuit Integration When designing a PCB for the MCSO2EHV, the following electronic considerations are vital: ### Pin Configuration | Pin | Function | Description | | :--- | :--- | :--- | | **1** | E/H (Enable) | High = Output Active; Low = High Impedance | | **2** | GND | Ground / Negative Supply | | **3** | Fout | Frequency Output (CMOS) | | **4** | Vdd | Positive Supply Voltage | ### Design Requirements 1. **Decoupling Capacitor:** A 0.1µF (100nF) ceramic capacitor should be placed as close as possible to the Vdd and GND pins to filter high-frequency noise. 2. **Termination:** Since it is a high-frequency CMOS output, a series termination resistor (typically 22Ω to 47Ω) may be required near the Fout pin to prevent signal reflections. --- ## 4. Primary Applications Due to the "EHV" (Extreme High Voltage/Environment) designation, these parts are found in: * **Downhole Drilling:** Sensors used in oil and gas exploration where temperatures exceed 175°C. * **Aerospace:** Avionics and engine control systems. * **Automotive:** Under-the-hood sensors and high-reliability EV power modules.
    ✨ Follow-up Questions
    • ⤷ What is the difference between MCSO2EHV and standard MCSO oscillators?
    • ⤷ How does the power consumption change as the frequency increases in this model?
    • ⤷ What are the specific soldering requirements for high-temperature ceramic packages?