AI

The **MDL-2-R** is a specific model of electronic component belonging to the **MDL series** of fuses. It is a small-dimension, time-delay (slow-blow) glass tube fuse widely used in consumer electronics and industrial equipment.
### 1. Technical Specifications
The part number "MDL-2-R" can be broken down to understand its core specifications:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | MDL | Time-delay, glass tube series |
| **Current Rating** | 2 Amperes | Maximum continuous current it can carry |
| **Voltage Rating** | 250 VAC | Maximum operating voltage |
| **Fuse Type** | Time-Delay | Also known as "Slow-Blow" |
| **Dimensions** | 1/4" x 1-1/4" | Standard size (6.35mm x 31.75mm) |
| **Material** | Glass Tube | Allows for visual inspection of the filament |
| **Termination** | Ferrule | Nickel-plated brass end caps |
| **RoHS Compliant** | Yes (indicated by "-R") | Lead-free and environmentally friendly |
---
### 2. Internal Mechanism and Function
Unlike a "Fast-Acting" fuse that blows instantly upon exceeding the current limit, the MDL-2-R is designed with a specific thermal characteristic:
* **Temporary Surges:** It can withstand brief high-current surges (inrush current) without blowing. This is essential for devices with motors or large capacitors that draw a lot of power for a split second when turned on.
* **Sustained Overload:** If the current stays above 2A for a prolonged period, the internal element melts, breaking the circuit to prevent fire or component damage.
---
### 3. Key Electronic Characteristics
The performance of the MDL-2-R is defined by its **I²t (Ampere-squared seconds)** value, which measures the thermal energy required to melt the fuse element.
* **Interrupting Rating:** At 250VAC, it typically has an interrupting rating of 100A. At 125VAC, this rating increases significantly (up to 10,000A).
* **Resistance:** It has a very low cold resistance (typically measured in milliohms) to ensure minimal voltage drop across the fuse during normal operation.
---
### 4. Common Applications
The MDL-2-R is typically found in:
* **Power Supplies:** Protecting the input stage from surges.
* **Consumer Appliances:** Microwaves, chargers, and older television sets.
* **Industrial Controls:** Small motors and solenoid valves where "start-up" current is higher than "running" current.
- ⤷
What is the difference between an MDL and a GDC series fuse?
- ⤷ Can I replace an MDL-2-R with a fast-acting 2A fuse?
- ⤷ How do I test if an MDL-2-R fuse is blown using a multimeter?