Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ME14XBD-R

  • AI
    The **ME14XBD-R** is a high-performance, brushless DC (BLDC) motor model typically associated with precision automation and motion control systems. Below is a breakdown of its electronic components and specifications. --- ### 1. General Specifications The ME14XBD-R belongs to a category of compact, high-efficiency motors designed for industrial applications. | Feature | Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Feedback System** | Integrated Incremental Encoder | | **Connection Type** | Multi-pin Circular Connector / Lead Wires | | **Thermal Protection** | Integrated Thermistor (usually NTC or PTC) | --- ### 2. Key Electronic Components #### A. Stator and Rotor Assembly The internal electronics consist of high-density copper windings on the stator. Since it is "Brushless," the commutation is handled electronically by an external driver rather than physical carbon brushes. * **Permanent Magnets:** High-coercivity magnets (often Neodymium) are fixed to the rotor. * **Phases:** Typically a 3-phase Wye (Y) or Delta configuration. #### B. Feedback Sensors (Encoder/Hall) The "R" suffix often denotes specific feedback or resolver configurations. * **Hall Effect Sensors:** These detect the position of the rotor magnets to inform the controller when to switch phases. * **Incremental Encoder:** Provides high-resolution pulse feedback for precise speed and position control. #### C. Thermal Management To protect the internal insulation from overheating, the ME14XBD-R usually features: * **Temperature Sensor:** Wired into the internal windings to provide a feedback loop to the motor drive, triggering a shutdown if safe operating temperatures are exceeded. --- ### 3. Wiring and Pinout Categories The electronic interface of the motor is generally split into two distinct circuits: | Circuit Type | Purpose | Typical Wire/Pin Count | | :--- | :--- | :--- | | **Power Leads** | Supplies current to the 3-phase windings (U, V, W). | 3 Pins + Ground | | **Signal Leads** | Transmits Encoder pulses and Hall sensor data. | 5 to 10 Pins | | **Brake (Optional)** | If equipped with an electromagnetic brake (X-series). | 2 Pins | --- ### 4. Integration Requirements To operate this motor, the following electronic ecosystem is required: 1. **Servo Drive / ESC:** Must support 3-phase BLDC and the specific feedback protocol of the motor. 2. **DC Power Supply:** Typically ranges from 24V to 48V depending on the specific sub-model winding. 3. **Controller:** A PLC or Motion Controller to send step/direction or bus commands (CANopen/EtherCAT) to the drive.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage and current rating for the ME14XBD-R?
    • ⤷ Does this motor use a digital or analog encoder for feedback?
    • ⤷ What are the common industrial applications for this specific motor series?