Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ME63ZAA-R

  • AI
    The **ME63ZAA-R** is an alphanumeric Liquid Crystal Display (LCD) module. It is a character-based display commonly used in embedded systems, industrial controllers, and DIY electronics projects. It typically follows the industry-standard HD44780 controller protocol. --- ### 1. Technical Specifications The following table highlights the core electrical and mechanical characteristics of the ME63ZAA-R: | Parameter | Specification | | :--- | :--- | | **Display Type** | Alphanumeric (Characters) | | **Format** | 16 Characters x 2 Lines (Typical) | | **Operating Voltage** | 5V DC (standard) | | **Backlight Type** | LED (usually Yellow-Green or Blue) | | **Interface** | Parallel (4-bit or 8-bit) | | **Controller** | Built-in (HD44780 compatible) | | **Character Size** | 5x8 Dot Matrix | --- ### 2. Pinout Configuration Most modules in this series utilize a standard 16-pin header. Below is the typical pin assignment: | Pin No. | Symbol | Description | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Power Supply (+5V) | | 3 | V0 | Contrast Adjustment (via Potentiometer) | | 4 | RS | Register Select (Command/Data) | | 5 | R/W | Read/Write Select | | 6 | E | Enable Signal | | 7-14 | DB0-DB7 | Data Bus Lines | | 15 | LED+ | Backlight Anode (+) | | 16 | LED- | Backlight Cathode (-) | --- ### 3. Key Electronic Components The "ME63ZAA-R" assembly consists of three primary electronic layers: 1. **The LCD Panel:** A glass sandwich containing liquid crystals that twist when a voltage is applied, blocking or allowing light to pass. 2. **The Driver IC:** Usually a "Chip-on-Board" (COB) covered by black epoxy. This IC translates binary data from a microcontroller into the signals required to drive the LCD segments. 3. **The Backlight Circuit:** A series of LEDs and a current-limiting resistor (sometimes integrated, sometimes external) that provides illumination for low-light environments. --- ### 4. Basic Connection Logic To interface this part with a microcontroller (like an Arduino or ESP32), you generally follow this logic: ```cpp // Typical Arduino LiquidCrystal initialization #include // Pins: RS, E, D4, D5, D6, D7 LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(16, 2); lcd.print("ME63ZAA-R Ready"); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the ME63ZAA-R?
    • ⤷ Can this display be operated at 3.3V instead of 5V?
    • ⤷ How do I calculate the resistor value for the backlight LED?