Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ME68XAD-R

  • AI
    The **ME68XAD-R** is an analog output expansion module designed for use with specific Programmable Logic Controllers (PLCs), most commonly associated with industrial automation series like the **Mitsubishi Melsec-F** or compatible systems. Below is a breakdown of its electronic specifications and characteristics. --- ## 1. Technical Specifications The ME68XAD-R serves as an interface to convert digital signals from the CPU into analog signals to control devices like Variable Frequency Drives (VFDs) or proportional valves. | Feature | Specification Details | | :--- | :--- | | **Module Type** | Analog Output Expansion Block | | **Number of Channels** | 8 Channels (Output) | | **Output Range (Voltage)** | 0 to 10V DC, -10 to +10V DC | | **Output Range (Current)** | 0 to 20mA, 4 to 20mA | | **Resolution** | Typically 12-bit to 16-bit (depending on configuration) | | **Isolation** | Photocoupler isolation between internal circuits and analog outputs | | **External Power Supply** | 24V DC (+/- 10%) | --- ## 2. Key Electronic Components & Features ### A. Digital-to-Analog Converters (DAC) The core of the module consists of high-precision DAC chips that translate the binary values sent by the PLC backplane into precise voltage or current levels. ### B. Signal Conditioning & Buffering * **Operational Amplifiers (Op-Amps):** Used to stabilize the output and ensure the signal remains consistent regardless of minor load fluctuations. * **Filters:** Integrated RC circuits to minimize electronic noise and ripple in the output signal. ### C. Isolation and Protection * **Galvanic Isolation:** Uses photocouplers to prevent high-voltage surges on the field side from damaging the PLC’s main CPU. * **Short-Circuit Protection:** Most "R" designated modules include basic protection against wiring errors to prevent the internal traces from burning out. ### D. Connection Terminal * Uses a **Terminal Block** (often screw-type) for field wiring. * Requires a shielded twisted pair cable to maintain signal integrity over long distances. --- ## 3. Hardware Configuration To communicate with the CPU, the module uses a specific bus connector. ```text [ PLC CPU ] <---> [ ME68XAD-R Module ] <---> [ Field Devices ] | (Internal Bus) | (Analog 4-20mA/0-10V) ``` --- ## 4. Troubleshooting Indicators The module typically features LED status indicators: * **POWER:** Indicates the 24V DC supply is present. * **RUN:** Indicates the module is communicating correctly with the PLC. * **ERROR:** Flashes if there is a parameter mismatch or hardware failure.
    ✨ Follow-up Questions
    • ⤷ What is the maximum distance for the analog signal wiring on the ME68XAD-R?
    • ⤷ How do you configure the voltage vs current output settings in the PLC software?
    • ⤷ Does this module require a separate power supply from the main PLC unit?