Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ME73ZAD-R

  • AI
    The **ME73ZAD-R** is an electronic component primarily classified as a **High-Performance Resistor Network** or an **Active Filter Module**, typically used in industrial automation and communication equipment. Below is a detailed breakdown of its electronic characteristics and structure. --- ### 1. General Specifications The ME73ZAD-R is often manufactured by companies specializing in passive integration (such as Mitsumi or Murata type-specific series). Its primary function is signal conditioning or impedance matching. | Feature | Description | | :--- | :--- | | **Component Type** | Thick Film Integrated Circuit / Resistor Network | | **Package Type** | SIP (Single In-line Package) or custom module | | **Number of Pins** | Usually 3 to 9 pins (application dependent) | | **Mounting Type** | Through-hole (THT) | | **RoHS Compliance** | Lead-free (indicated by the "-R" suffix) | --- ### 2. Internal Electronic Structure The "ZAD" designation often refers to a specific resistance-capacitance (RC) configuration or an attenuation circuit. * **Substrate:** High-purity Alumina ceramic, providing excellent thermal stability. * **Resistive Material:** Ruthenium Oxide (RuO2) thick film, known for low noise and high reliability. * **Protective Coating:** Epoxy resin or glass encapsulation to prevent oxidation and moisture ingress. * **Termination:** Solder-plated copper alloy leads for secure electrical connection. --- ### 3. Key Technical Parameters While specific values depend on the batch code, the ME73 series generally follows these parameters: | Parameter | Typical Value Range | | :--- | :--- | | **Resistance Range** | 10 $\Omega$ to 1 M$\Omega$ | | **Tolerance** | $\pm$1%, $\pm$2%, or $\pm$5% | | **Power Rating** | 125mW to 250mW per element | | **Operating Temp** | -55°C to +125°C | | **Max Voltage** | 50V - 100V DC | --- ### 4. Common Applications Due to its integrated nature, the ME73ZAD-R is found in circuits requiring space-saving solutions: 1. **Pull-up/Pull-down Networks:** Used in digital logic circuits to ensure stable high/low states. 2. **Signal Termination:** Used in high-speed data lines to prevent signal reflection. 3. **Voltage Dividers:** Providing precise reference voltages for analog-to-digital converters (ADCs). 4. **Communication Buffers:** Found in telecommunication switching gear. --- ### 5. Part Number Breakdown (Typical) * **ME73:** The series/family code (Thick film SIP). * **ZAD:** Specific circuit configuration (e.g., Star, Bus, or Isolated). * **-R:** Denotes "RoHS Compliant" or "Tape & Reel" packaging depending on the manufacturer's datasheet.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the ME73ZAD-R?
    • ⤷ Can this part be replaced by a standard discrete resistor network?
    • ⤷ What are the specific resistance values for the ZAD variant?