Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MEH76ZAD-R

  • AI
    The **MEH76ZAD-R** is a specific model of an **Incremental Optical Encoder**, typically manufactured by companies like **Nemicon** or similar industrial sensor providers. These components are used to translate rotary motion into electrical signals for precision feedback in automation. --- ### 1. Technical Specifications The following table highlights the core electronic and mechanical parameters typical for this series: | Parameter | Specification | | :--- | :--- | | **Type** | Incremental Optical Encoder | | **Output Phase** | Usually A, B, and Z (Index pulse) | | **Supply Voltage** | Typically 5V DC or 12-24V DC (Model dependent) | | **Resolution** | Varies by sub-model (Commonly 100 to 2500 PPR) | | **Output Type** | Line Driver or Push-Pull (Totem Pole) | | **Shaft Diameter** | Hollow shaft (Standard 6mm or 8mm) | --- ### 2. Core Electronic Components The internal architecture of the MEH76ZAD-R consists of several critical electronic stages: 1. **Light Source (LED):** An infrared LED that emits a constant beam of light. 2. **Code Disk:** A high-precision rotating disk with transparent and opaque slots that "chops" the light beam. 3. **Photo-detector Array:** Receives the light pulses and converts them into low-level analog currents. 4. **Signal Processing IC:** Converts the analog signals into clean square waves (TTL or HTL levels). 5. **Output Driver:** Boosts the signal for transmission over cables, protecting against electrical noise. --- ### 3. Wiring and Pinout (General) While you should always consult the specific datasheet for the "R" suffix variant, the standard wiring for these encoders follows this logic: ```text Color (Typical) | Signal | Description ----------------|----------|----------------------- Red | Vcc | Power Supply (+) Black | GND | Ground (0V) White | Phase A | Main pulse signal Green | Phase B | Quadrature signal (90° offset) Yellow | Phase Z | Index/Reference pulse Shield | FG | Frame Ground / Shield ``` --- ### 4. Application Use-Cases * **Motor Feedback:** Attached to the back of servo or stepper motors to monitor RPM and position. * **CNC Machinery:** Ensuring precise movement of tool heads. * **Conveyor Systems:** Synchronizing speeds across multiple belts.
    ✨ Follow-up Questions
    • ⤷ What is the exact Pulse Per Revolution (PPR) for the MEH76ZAD-R?
    • ⤷ Does this model use a Line Driver or Open Collector output?
    • ⤷ What are the mounting dimensions for the MEH76 series?