Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MEPA-14MA-R

  • AI
    The **MEPA-14MA-R** is a specific technical component typically associated with high-precision motion control systems, specifically serving as a **magnetic encoder scale** or a linear encoder tape used in industrial automation. Below is a detailed breakdown of its electronic and physical characteristics. --- ### 1. Technical Specifications The MEPA series is designed for non-contact measurement, working in tandem with a sensor head (read head). | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Scale / Linear Encoder Tape | | **Material** | Stainless steel base with a magnetic layer | | **Accuracy Class** | High precision (variable based on mounting) | | **Operating Principle** | Incremental Magnetic Induction | | **Mounting Style** | Adhesive backing (R suffix often denotes "Reel" or specific "Roll" length) | --- ### 2. How the Electronics Work The MEPA-14MA-R functions as the "passive" half of a measurement system. It does not require power itself, but its electronic properties are essential for the system to function: * **Magnetic Graduation:** The tape is magnetized with alternating North and South poles at precise intervals (often 1mm, 2mm, or 5mm pitches). * **Sensor Interaction:** As a magnetic sensor head moves over the tape, it detects the changes in the magnetic field using **Hall Effect** or **Magnetoresistive (MR)** sensors. * **Signal Conversion:** The sensor head converts these magnetic fluctuations into electrical pulses (TTL or HTL square waves) or Analog signals (1Vpp Sine/Cosine). --- ### 3. Key Electronic Advantages * **Environmental Resilience:** Unlike optical encoders, the magnetic principle allows this part to function in environments with oil, dust, humidity, or vibration. * **Non-Contact Measurement:** Since there is no physical contact between the electronic read head and the MEPA tape, there is no mechanical wear. * **Signal Integrity:** The magnetic layer is shielded by the stainless steel backing to prevent interference from external electromagnetic noise. --- ### 4. Typical Applications This part is commonly found in the following electronic systems: 1. **CNC Machines:** For precise positioning of the X, Y, or Z axes. 2. **Digital Readouts (DRO):** Providing feedback for manual lathes and mills. 3. **Robotic Arms:** Ensuring repeatable movement in industrial pick-and-place tasks. 4. **Medical Equipment:** High-accuracy positioning for scanning beds or surgical robots. ---
    ✨ Follow-up Questions
    • ⤷ What is the pole pitch (resolution) for the MEPA-14MA-R?
    • ⤷ Which sensor heads are compatible with this magnetic scale?
    • ⤷ How do you install the MEPA tape to ensure maximum signal accuracy?