Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MEPF-11P4-R

  • AI
    The **MEPF-11P4-R** is a specific electronic component, typically identified as a **high-precision NTC (Negative Temperature Coefficient) thermistor** or a temperature sensor probe assembly often used in industrial and HVAC applications. Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. General Specifications This part is designed for accurate temperature measurement and thermal monitoring. | Property | Description | | :--- | :--- | | **Component Type** | NTC Thermistor (Negative Temperature Coefficient) | | **Material** | Metal-oxide ceramic semiconductor | | **Housing** | Typically encapsulated in a protective probe (stainless steel or brass) | | **Resistance at 25°C** | Usually 10kΩ or 50kΩ (depending on specific sub-series) | | **Tolerance** | High precision (often ±1% or ±3%) | | **RoHS Status** | Compliant (Lead-free) | --- ### 2. Electronic Working Principle The "NTC" designation means that the electrical resistance of the component **decreases** as the temperature **increases**. This relationship is non-linear and follows the *Steinhart-Hart* equation. 1. **Sensing:** The internal ceramic element reacts to ambient heat. 2. **Signal Conversion:** A microcontroller (MCU) applies a small reference voltage through a voltage divider circuit. 3. **Data Processing:** As the temperature changes, the voltage output changes, which the MCU translates into a digital temperature reading. --- ### 3. Pinout and Physical Construction The "P4" and suffix "R" usually refer to the physical termination and lead configuration. * **P4:** Typically denotes a specific lead length or a 4-pin/4-wire configuration (though many are 2-wire with 4mm sizing identifiers). * **Encapsulation:** The internal thermistor is protected by an epoxy resin or metal sleeve to prevent moisture ingress. * **Wiring:** High-temperature insulated wires (often Teflon or PVC) are used to prevent melting near heat sources. --- ### 4. Typical Applications Because of its high reliability, the MEPF-11P4-R is commonly found in: * **HVAC Systems:** Monitoring evaporator or condenser coil temperatures. * **Automotive:** Engine coolant or air intake temperature sensing. * **Industrial Automation:** Thermal protection for high-power motor drives. * **Home Appliances:** Precise temperature control in ovens or water heaters. --- ### 5. Circuit Implementation Example To use this part in a standard 5V microcontroller environment (like Arduino or ESP32), it is typically wired in a voltage divider: ```cpp // Example: Basic Voltage Divider Logic // VCC (5V) --- [MEPF-11P4-R] --- (Analog Pin) --- [10k Resistor] --- GND float resistance; int rawValue = analogRead(A0); resistance = (1023.0 / rawValue - 1.0) * 10000; // Calculate resistance ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance-temperature curve (B-constant) for the MEPF-11P4-R?
    • ⤷ What are the maximum and minimum operating temperature limits for this probe?
    • ⤷ Does this model require a specific pull-up resistor value for optimal accuracy?