Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MEX-F-04221-R

  • AI
    The **MEX-F-04221-R** typically refers to a specific series of **Film Capacitors**, often categorized as X2 suppression capacitors used for EMI (Electromagnetic Interference) filtering. These components are critical in power supply design to ensure electromagnetic compatibility (EMC). --- ### 1. Component Specifications Below are the typical technical parameters associated with this part number (based on standard MEX series specifications): | Parameter | Specification | | :--- | :--- | | **Capacitor Type** | Polypropylene Film (Metallized) | | **Safety Class** | X2 (Across-the-line) | | **Capacitance Value** | 0.42µF (indicated by "42") | | **Voltage Rating** | 275V AC / 310V AC | | **Tolerance** | ±10% (K) or ±20% (M) | | **Operating Temp.** | -40°C to +105°C | | **Flame Retardancy** | UL94V-0 compliant | --- ### 2. Key Electronic Functions The MEX-F series serves several vital roles in a circuit: * **EMI/RFI Suppression:** It filters out high-frequency noise generated by the device or coming from the AC power line. * **Safety Isolation:** As an **X2-rated** capacitor, it is designed for use in positions where failure would not lead to electric shock. It is "self-healing," meaning it can recover from internal short circuits caused by voltage spikes. * **Voltage Buffering:** It helps stabilize the input voltage against transient surges. --- ### 3. Physical Construction The part is engineered to withstand harsh electrical environments: 1. **Dielectric:** Metallized Polypropylene film provides excellent insulation and low dissipation factor. 2. **Encapsulation:** The component is housed in a plastic case sealed with epoxy resin, which is moisture-resistant and flame-retardant. 3. **Leads:** Tin-plated copper-clad steel wires for secure soldering. --- ### 4. Circuit Implementation In a typical power supply or motor controller, the MEX-F-04221-R is placed directly across the Live (L) and Neutral (N) lines. ```mermaid graph LR AC_Live --- |MEX-F-04221-R| AC_Neutral AC_Live --- Bridge_Rectifier AC_Neutral --- Bridge_Rectifier ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an X2 and a Y2 safety capacitor?
    • ⤷ How do I test if this capacitor is still functioning correctly?
    • ⤷ Can I replace a 275VAC X2 capacitor with a 310VAC rated one?