Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MF-R250

  • AI
    ## Overview of the MF-R250 The **MF-R250** is a specific model of **Polymeric Positive Temperature Coefficient (PPTC)** device, commonly known as a **resettable fuse** or **PolySwitch**. It is manufactured by Bourns as part of their Multifuse® line. Unlike standard one-time fuses that blow and must be replaced, the MF-R250 "trips" by increasing its resistance significantly during an overcurrent event and resets itself once the fault is removed and the power is cycled. --- ### Technical Specifications The following table outlines the primary electrical characteristics of the MF-R250: | Parameter | Value | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 2.50 A | The maximum current the device can carry without tripping. | | **Trip Current ($I_{trip}$)** | 5.00 A | The minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 60 V | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 40 A | The maximum fault current the device can safely handle. | | **Power Dissipation ($P_d$)** | 2.5 W | Typical power dissipated when the device is in the tripped state. | | **Resistance ($R_{min}/R1_{max}$)** | 0.05 / 0.13 $\Omega$ | Initial resistance range (Min) and post-trip resistance (Max). | --- ### How it Works: The PPTC Mechanism The MF-R250 is composed of a non-conductive polymer matrix mixed with conductive carbon black particles. 1. **Normal State:** The carbon particles form a dense network, allowing current to flow with very low resistance. 2. **Overcurrent Event:** Excessive current causes $I^2R$ heating. When the polymer reaches its phase transition temperature, it expands. 3. **Tripped State:** The expansion breaks the carbon chains, causing the resistance to spike. This limits the current to a small leakage level, protecting the downstream circuit. 4. **Reset:** Once the power is removed and the device cools down, the polymer contracts, the carbon chains reconnect, and the device returns to a low-resistance state. --- ### Physical Characteristics * **Lead Type:** Radial Leaded (Through-hole). * **Material:** Cured, flame-retardant epoxy polymer (meets UL 94V-0). * **Typical Dimensions:** Usually around 12mm to 14mm in diameter and 3mm thick. --- ### Common Applications The MF-R250 is widely used in circuits where overcurrent protection is required but user accessibility for fuse replacement is difficult: * **Power Supplies:** Protection against short circuits on output rails. * **Industrial Controls:** Protecting sensors and actuators. * **Motors:** Shielding against "stall" or "locked rotor" conditions. * **Computer Peripherals:** Protecting USB ports and IEEE 1394 (FireWire) interfaces.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MF-R and the MF-RX series?
    • ⤷ How does ambient temperature affect the hold current of the MF-R250?
    • ⤷ Can the MF-R250 be used for AC voltage applications?