AI

The **MF-RHT1300-AP** is a high-temperature, radial-leaded **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. It is part of the MF-RHT series, specifically designed for automotive and high-operating temperature environments.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Hold Current ($I_{hold}$)** | 13.0 Amperes |
| **Trip Current ($I_{trip}$)** | 24.0 Amperes |
| **Max Voltage ($V_{max}$)** | 16 Volts (DC) |
| **Max Current ($I_{max}$)** | 100 Amperes |
| **Operating Temp Range** | -40 °C to +125 °C |
| **Packaging** | Ammo Pack (indicated by "-AP") |
| **Mounting Type** | Through-Hole (Radial Leaded) |
---
### 2. Functional Characteristics
#### How it Works
The device is made of a conductive plastic (polymer) matrix mixed with carbon black particles.
* **Normal State:** The particles form chains, allowing current to flow with low resistance.
* **Tripped State:** When an overcurrent or overtemperature event occurs, the polymer expands, breaking the conductive chains. The resistance increases exponentially, limiting the current to a safe leakage level.
* **Resetting:** Once the fault is removed and the device cools down, the polymer contracts, and the device returns to a low-resistance state.
#### The "RHT" Distinction
The "RHT" prefix signifies **High Temperature** resistance. While standard PPTCs are rated up to 85°C, this series is AEC-Q200 compliant and rated up to **125°C**, making it suitable for under-the-hood automotive applications where ambient heat is significant.
---
### 3. Comparison with Traditional Fuses
| Feature | MF-RHT1300-AP (PPTC) | Standard Wire Fuse |
| :--- | :--- | :--- |
| **Reusability** | Resettable (Multiple uses) | One-time use (Must be replaced) |
| **Resistance** | Slightly higher | Very low |
| **Response Time** | Slower (Thermal-based) | Faster (Melting-based) |
| **Maintenance** | Low (Self-healing) | High (Requires physical access) |
---
### 4. Typical Applications
* **Automotive Electronics:** Engine control modules, cooling fan motors, and lighting circuits.
* **Industrial Controls:** Protection for motors and actuators in hot environments.
* **Battery Packs:** Overcurrent protection during charging/discharging in high-capacity packs.
- ⤷
What is the difference between I-hold and I-trip in this fuse?
- ⤷ How does ambient temperature affect the current rating of the MF-RHT1300?
- ⤷ What are the soldering precautions for through-hole PPTC devices?