Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MF-RX012U-A05-2

  • AI
    ## Technical Overview of MF-RX012U-A05-2 The **MF-RX012U-A05-2** is a specific model of **Polymer Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by **Bourns**. These components are widely used for overcurrent protection in electronic circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.12 A | The maximum current the device can carry without tripping. | | **Trip Current ($I_{trip}$)** | 0.24 A | The minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 60 V | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 40 A | The maximum fault current the device can safely interrupt. | | **Resistance ($R_{min}$ / $R_{max}$)** | 1.50 $\Omega$ / 6.00 $\Omega$ | The initial resistance range of the device at $23^\circ C$. | | **Package Type** | Radial Leaded | Through-hole mounting style. | --- ### 2. Operational Mechanism The MF-RX012U-A05-2 functions as a "resettable fuse" through the following process: 1. **Normal State:** The conductive polymer is in a crystalline state, allowing electrons to flow easily (low resistance). 2. **Fault Condition:** When an overcurrent occurs, $I^2R$ heating causes the polymer temperature to rise. 3. **Tripped State:** Once the temperature reaches a phase transition point, the polymer expands into an amorphous state, breaking the conductive paths and increasing resistance dramatically. This limits the current to a safe leakage level. 4. **Reset:** Once the fault is removed and the power is cycled/cooled, the polymer crystallizes again, restoring low resistance. --- ### 3. Part Number Breakdown The nomenclature used by Bourns conveys specific data about the part: * **MF-RX:** Product Series (Multifuse® Radial Leaded). * **012:** Hold current (0.12 Amps). * **U:** High voltage rating or specific material designation (often used for Telecom/Network ratings). * **A05:** Internal manufacturing/revision code or specific lead spacing/packaging variant. * **-2:** Tape and Reel packaging (standard for automated assembly). --- ### 4. Common Applications * **Telecommunications:** Protection for line cards and network interfaces. * **Industrial Controls:** Low-voltage power supply protection. * **Computer Peripherals:** USB port or mouse/keyboard interface protection. * **Consumer Electronics:** Battery packs and chargers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a PPTC and a traditional one-time blow fuse?
    • ⤷ How does ambient temperature affect the trip current of the MF-RX012U?
    • ⤷ Can this component be used in AC circuits or is it DC only?