Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MGFS304812-R

  • AI
    The **MGFS304812-R** is a high-performance, isolated DC-DC converter manufactured by **Cosel**. It is part of the MGFS series, known for its high power density, wide input voltage range, and industry-standard 1x1 inch footprint. --- ### ## Technical Specifications The following table summarizes the key electrical characteristics of the MGFS304812-R: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Cosel | | **Output Power** | 30 Watts | | **Input Voltage Range** | 18V to 76V DC (Wide 4:1 Input) | | **Output Voltage** | 12V DC | | **Output Current** | 2.5 A | | **Efficiency** | 89% (Typical) | | **Isolation Voltage** | 1,500V DC (1 minute) | | **Package / Case** | Six-sided shielded metal case (1" x 1") | | **Operating Temp** | -40°C to +85°C | --- ### ### Key Electronic Features 1. **Wide 4:1 Input Range**: Unlike standard 2:1 converters, this part can handle a vast range of input voltages (18V to 76V). This makes it ideal for systems running on 24V or 48V battery rails where significant fluctuations occur. 2. **Built-in Protections**: * **Overcurrent Protection**: Automatically recovers after the fault is removed. * **Overvoltage Protection**: Shuts down the unit to protect the load if the output exceeds safety limits. * **Thermal Protection**: Prevents damage from overheating. 3. **Remote ON/OFF**: Features a control pin that allows the system to toggle the power supply electronically without a mechanical switch. 4. **Adjustable Output (TRIM)**: The output voltage can be adjusted (typically ±10%) using an external resistor to compensate for voltage drops in long wiring. 5. **Six-Sided Shielding**: The metal case acts as a Faraday cage, significantly reducing Electromagnetic Interference (EMI) conducted to nearby sensitive components. --- ### ### Pin Configuration (Top View) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | +VIN | Positive Input Voltage | | 2 | -VIN | Negative Input Voltage | | 3 | RC | Remote Control (ON/OFF) | | 4 | +VOUT | Positive Output Voltage | | 5 | -VOUT | Negative Output Voltage | | 6 | TRM | Output Voltage Adjustment (Trim) | --- ### ### Typical Application Circuit To ensure stability and reduce ripple, external capacitors are usually recommended: ```c // Basic Connection Diagram [ +Vin ] ---- [ C1 (Input Cap) ] ---- [ Pin 1 (+VIN) ] [ -Vin ] ----------------------------- [ Pin 2 (-VIN) ] [ Pin 4 (+VOUT) ] ---- [ C2 (Output Cap) ] ---- [ + Load ] [ Pin 5 (-VOUT) ] ------------------------------ [ - Load ] ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the external input and output capacitors?
    • ⤷ How does the Remote Control (RC) pin logic work (Positive vs Negative)?
    • ⤷ Can this module be used in parallel to increase output power?