MGP50P-R100-F
AI

The **MGP50P-R100-F** is a specialized precision electronic component, specifically a **metal film resistor** designed for high-stability and low-tolerance applications.
Below is a detailed breakdown of its electronic characteristics and specifications based on the part numbering convention commonly used by manufacturers like *RCD Components*.
---
## 1. Technical Specifications Table
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Metal Film Resistor | Precision thin-film technology |
| **Power Rating** | 0.50 Watts (1/2W) | Power dissipation capability at 70°C |
| **Resistance Value** | 0.100 $\Omega$ (R100) | Ultra-low resistance value |
| **Tolerance** | $\pm 1\%$ (F) | Precision accuracy class |
| **Package / Case** | Axial Leaded | Through-hole mounting |
| **Temperature Coefficient** | Low PPM/°C | Minimal drift across temperature changes |
---
## 2. Part Number Breakdown
To understand the electronic nature of this part, we can deconstruct the identifier:
* **MGP50**: Represents the series and power rating. "50" typically denotes a **0.5W** (1/2 Watt) power rating. "P" often indicates a pulse-tolerant or specialized precision variant.
* **R100**: This is the resistance code. "R" acts as the decimal point. Therefore, **R100 = 0.100 Ohms**.
* **F**: This denotes the tolerance. In the electronics industry, **F = $\pm 1\%$**.
---
## 3. Key Electronic Characteristics
### A. Low Resistance (Sense Resistor)
At $0.1\Omega$, this resistor is often used as a **Current Sense Resistor**. It is placed in a circuit to measure current flow by monitoring the voltage drop across it ($V = I \times R$), without significantly affecting the overall circuit impedance.
### B. Metal Film Construction
Unlike standard carbon resistors, metal film resistors offer:
* **Low Noise:** Ideal for sensitive audio or measurement circuits.
* **Thermal Stability:** The resistance value remains consistent even as the component heats up.
* **Precision:** High manufacturing accuracy allows for the tight $1\%$ tolerance.
### C. Power Handling
The "50" (0.5W) rating means this resistor can safely handle a specific amount of current $(I = \sqrt{P/R})$.
* *Calculation:* For 0.5W at 0.1$\Omega$, the maximum continuous current is approximately **2.23 Amps**.
---
## 4. Typical Applications
* **Power Supplies:** Monitoring output current for over-current protection.
* **Battery Management Systems (BMS):** Measuring charge/discharge rates.
* **Motor Control:** Sensing load to adjust torque or speed.
* **Precision Instrumentation:** Where low thermal drift is required.
- ⤷
What are the physical dimensions of the MGP50P axial package?
- ⤷ How does the temperature coefficient (PPM) affect this resistor's performance?
- ⤷ Are there surface-mount (SMD) alternatives to the MGP50P-R100-F?